Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-201HSRH Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HS-201HSRH
Description  Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS-201HSRH Datasheet(HTML) 2 Page - Renesas Technology Corp

  HS-201HSRH Datasheet HTML 1Page - Renesas Technology Corp HS-201HSRH Datasheet HTML 2Page - Renesas Technology Corp HS-201HSRH Datasheet HTML 3Page - Renesas Technology Corp HS-201HSRH Datasheet HTML 4Page - Renesas Technology Corp HS-201HSRH Datasheet HTML 5Page - Renesas Technology Corp HS-201HSRH Datasheet HTML 6Page - Renesas Technology Corp HS-201HSRH Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HS-201HSRH, HS-201HSEH
FN4874 Rev 4.00
Page 2 of 7
February 21, 2017
Ordering Information
ORDERING
SMD NUMBER
(Note 2)
INTERNAL
MKT. NUMBER
(Note 1)
TEMP. RANGE
(°C)
PACKAGE
(RoHS COMPLIANT)
PKG.
DWG. #
5962F9961801VEC
HS1-201HSRH-Q
-55 to +125
16 Ld SBDIP
D16.3
5962F9961802VEC
HS1-201HSEH-Q
-55 to +125
16 Ld SBDIP
D16.3
5962F9961801QEC
HS1-201HSRH-8
-55 to +125
16 Ld SBDIP
D16.3
5962F9961801VXC
HS9-201HSRH-Q
-55 to +125
16 Ld Flatpack
K16.A
5962F9961802VXC
HS9-201HSEH-Q
-55 to +125
16 Ld Flatpack
K16.A
5962F9961801QXC
HS9-201HSRH-8
-55 to +125
16 Ld Flatpack
K16.A
5962F9961801V9A
HS0-201HSRH-Q
-55 to +125
Die
5962F9961802V9A
HS0-201HSEH-Q
-55 to +125
Die
N/A
HS1-201HSRH/PROTO (Note 3)
-55 to +125
16 Ld SBDIP
D16.3
N/A
HS9-201HSRH/PROTO (Note 3)
-55 to +125
16 Ld Flatpack
K16.A
N/A
HS0-201HSRH/SAMPLE (Note 3)
-55 to +125
Die
NOTES:
1. These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations.
2. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The listed SMD numbers must be
used when ordering.
3. The /PROTO and /SAMPLE are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts are intended for
engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions over-temperature specified in the DLA SMD and
are in the same form and fit as the qualified device. The /SAMPLE die is capable of meeting the electrical limits and conditions specified in the DLA
SMD at +25°C only. The /SAMPLE is a die and does not receive 100% screening over-temperature to the DLA SMD electrical limits. These part types
do not come with a Certificate of Conformance because there is no Radiation Assurance testing and they are not DLA qualified devices.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com