Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS3003-ML1 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HS3003-ML1
Description  High Performance Relative Humidity and Temperature Sensor Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003-ML1 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HS3003-ML1 Datasheet HTML 1Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 2Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 3Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 4Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 5Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 6Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 7Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 8Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
HS300x-ML1 Datasheet
R36DS0016EU0001 Rev.0.01
Nov 8, 2021
Page 3
Figures
Figure 1. Sleep Current Variation over Temperature, VDD at 3.3V ...........................................................................7
Figure 2. HS3001-ML1 RH Accuracy Tolerance at 25°C .........................................................................................8
Figure 3. HS3001-ML1 RH Accuracy over Temperature .........................................................................................8
Figure 4. HS3002-ML1 RH Accuracy Tolerance at 25°C .........................................................................................8
Figure 5. HS3002-ML1 RH Accuracy over Temperature .........................................................................................8
Figure 6. HS3003-ML1 RH Accuracy Tolerance at 25°C .........................................................................................8
Figure 7. HS3003-ML1 RH Accuracy over Temperature .........................................................................................8
Figure 8. HS3004-ML1 RH Accuracy Tolerance at 25°C .........................................................................................9
Figure 9. HS3004-ML1 RH Accuracy over Temperature .........................................................................................9
Figure 10. HS3001-ML1/HS3002-ML1 Temperature Sensor Accuracy Tolerance..................................................9
Figure 11. HS3003-ML1 Temperature Sensor Accuracy Tolerance ........................................................................9
Figure 12. HS3004-ML1 Temperature Sensor Accuracy Tolerance ........................................................................9
Figure 13. Timing Diagram .....................................................................................................................................10
Figure 14. START and STOP Condition Waveform ...............................................................................................11
Figure 15. Measurement Request ..........................................................................................................................11
Figure 16. Data Fetch .............................................................................................................................................12
Figure 17. Sequence of Commands to Enter Programming Mode ........................................................................13
Figure 18. Sequence of Commands to Change the Relative Humidity Resolution................................................14
Figure 19. HS300x-ML1 Application Circuit............................................................................................................15
Tables
Table 1. Absolute Maximum Ratings ........................................................................................................................5
Table 2. Recommended Operating Conditions ........................................................................................................5
Table 3. Humidity Sensor Specification, TA = +25°C, VDD = 2.3V to 5.5V................................................................6
Table 4. Temperature Sensor Specification, TA = +25°C, VDD = 2.3V to 5.5V .........................................................7
Table 5. I2C Timing Parameters.............................................................................................................................10
Table 6. Status Bits.................................................................................................................................................13
Table 7. Non-volatile Memory Registers ................................................................................................................13
Table 8. Register Values for Different Resolution Settings ....................................................................................14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com