Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0101 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # LSF0101
Description  1-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0101 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  LSF0101 Datasheet HTML 1Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 2Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 3Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Nexperia
LSF0101
1-bit bidirectional multi-voltage level translator; open-drain; push-pull
LSF0101
refA
aaa-030905
GND
A1
refB
EN
B1
Transparent top view
2
3
1
5
4
6
Fig. 3. Pin configuration SOT886 (XSON6)
2
5
4
3
6
1
A1
GND
B1
refA
refB
EN
LSF0101
aaa-030906
Transparent top view
Fig. 4. Pin configuration SOT1255-2 (X2SON6)
7.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
GND
1
ground (0 V)
refA
2
reference voltage A
A1
3
data input/output A
B1
4
data input/output B
refB
5
reference voltage B
EN
6
enable input (active HIGH)
8. Functional description
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state.
Input
input/output
EN
A1, B1 channel
H
A1 = B1
L
Z
9. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VI
input voltage
pins refA, refB, A1, B1 and EN
[1]
-0.5
+7.0
V
II/O
input/ouput current
pins refA, refB, A1 and B1; continuous channel current
-
+128 mA
IIK
input clamping current VI < 0 V
-50
-
mA
Tstg
storage temperature
-65
+150 °C
Ptot
total power dissipation Tamb = -40 °C to +125 °C
[2]
-
250
mW
[1] The minimum input voltage rating may be exceeded if the input current rating is observed.
[2] For SOT363-2 (TSSOP6) package: Ptot derates linearly with 3.7 mW/K above 83 °C.
For SOT886 (XSON6) package: Ptot derates linearly with 3.3 mW/K above 74 °C.
For SOT1255-2 (X2SON6) package: Ptot derates linearly with 3.3 mW/K above 75 °C.
LSF0101
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 3 — 8 February 2022
3 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com