Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K71DA00KA2KA2 Datasheet(PDF) 1 Page - Norgren Ltd

Part # K71DA00KA2KA2
Description  Nugget 200 Spool Valves 1/4", 3/8", 1/2" NPT Air Pilot Actuated 3/2, 5/2, & 5/3 Inline Valves
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

K71DA00KA2KA2 Datasheet(HTML) 1 Page - Norgren Ltd

  K71DA00KA2KA2 Datasheet HTML 1Page - Norgren Ltd K71DA00KA2KA2 Datasheet HTML 2Page - Norgren Ltd K71DA00KA2KA2 Datasheet HTML 3Page - Norgren Ltd K71DA00KA2KA2 Datasheet HTML 4Page - Norgren Ltd K71DA00KA2KA2 Datasheet HTML 5Page - Norgren Ltd K71DA00KA2KA2 Datasheet HTML 6Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2
VAL-186
For further information www.norgren.com
Long lasting spool design
High flow compact valves
Three functional types: available in 3/2, 5/2,
and 5/3 configurations
Low pressure operators
Technical data
Medium:
Filtered and lubricated or non-
lubricated compressed air or
vacuum.
Operation:
Spool valve air pilot actuated.
Mounting:
Inline – through holes in valve body.
Port Size:
NPT – 1/4", 3/8", 1/2"
ISO G – 1/4", 3/8" .
Operating Pressure:
10 Hg vacuum to 150 psig (10.3
bar). For details see overleaf.
Operating Temperature:
-20° to 160°F (-29° to 71°C)
Consult Technical Service for use
below 35°F (2°C).
Materials:
Body: Aluminum
Spool: Anodized aluminum
Elastomers: Nitrile and special
nitrile based low-friction
elastomers.
Minimum Pilot Pressures
Operator
Return
Nondetent
psig (bar)
Detented
psig (bar)
Spring Centered
psig (bar)
Large Air
Large Air
15 (1.0)
25 (1.7)
45 (3.1)
Large Air †
Small Air
35 (2.4)
–
–
Small Air
Small Air
25 (1.7)
–
–
Large Air
Spring
35 (2.4)
–
–
Low Pressure
Air††
Spring
4 (.27)
–
–
Small Air
Spring
65 (4.5)
–
–
Air Bleed
Air Bleed
15 (1.0)
25 (1.7)
–
Air Bleed
Spring
35 (2.4)
–
–
† Pressure applied simultaneously to both operators. The piston area of the KA2
operator is approximately twice that of the KA1 operator.
†† Pressure applied to port B of KA6 operator (port A open). A minimum vacuum
of 6.1 inches Hg (KS1 return) applied to A (port B open) will also operate the valve.
The KA6 operator can also be used as a differential pressure operator with or without
return spring. The differential pressure required to shift the valve without return spring
is less than 1 psig (2" Hg). To reduce the possibility of internal contamination, it is
suggested that a filter/breather be installed in the port.
Average Flow Factors in Cv‡ (l/min)
Valve
Port
Size
Flow Path
Port
1 to 2
1 to 4
Port
2 to 3
4 to 5
3-Port, Inline
1/4"
1.6 (1600)
1.7 (1700)
3/8"
1.6 (1600)
1.7 (1700)
5-Port, Inline
1/4"
1.6 (1600)
1.7 (1700)
3/8"
1.6 (1600)
1.7 (1700)
1/2"
1.6 (1600)
1.7 (1700)
‡ Flow Rating determined in accordance with NFPA/T3.21.3, Pneumatic fluid power –
Flow test procedure and reporting method – For fixed orifice components.
Nugget 200 Spool Valves
1/4", 3/8", 1/2" NPT Air Pilot Actuated
3/2, 5/2, & 5/3 Inline Valves


Similar Part No. - K71DA00KA2KA2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K7110-PROPLUS ETC2-K7110-PROPLUS Datasheet
5Mb / 64P
T O TA L L A M P S O LU T I O N S
logo
PCTEL, Inc.
K71162011 PCTEL-K71162011 Datasheet
188Kb / 1P
Magnet mount antenna
K711621 PCTEL-K711621 Datasheet
188Kb / 1P
Magnet mount antenna
K713226 PCTEL-K713226 Datasheet
198Kb / 1P
Multiflex antenna
K713229 PCTEL-K713229 Datasheet
198Kb / 1P
Multiflex antenna
More results

Similar Description - K71DA00KA2KA2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7822 AD-AD7822 Datasheet
240Kb / 20P
3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
10/01-REV.B
logo
ITT Industries
CCM05-5783T50 ITT-CCM05-5783T50 Datasheet
385Kb / 4P
Combo (2, 3, 4 in 1)
logo
Sensortechnics GmbH
003-0137-900 SENSORTECHNICS-003-0137-900 Datasheet
99Kb / 4P
General purpose 2-way and 3-way soleniod valves
logo
Grayhill, Inc
87CC3-201 GRAYHILL-87CC3-201 Datasheet
710Kb / 5P
1, 2, 3, 4, 5 and 6 Button Individual Keyswitches
logo
Analog Devices
AD7705 AD-AD7705_15 Datasheet
395Kb / 44P
3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7706 AD-AD7706_15 Datasheet
395Kb / 44P
3 V/5 V, 1 mW, 2-/3-Channel
REV. C
logo
uPI Group Inc.
UP9508 UPI-UP9508 Datasheet
1Mb / 45P
3/2/12/1-Phase PWM Controller
UP9508Q UPI-UP9508Q Datasheet
706Kb / 49P
3/2/12/1-Phase PWM Controller
logo
Good Will Instrument Co...
GDM-8135 GWINSTEK-GDM-8135 Datasheet
571Kb / 1P
4 1/2 & 3 1/2 DIGITAL MULTIMETER
logo
Silicon Laboratories
SI52212 SILABS-SI52212_V01 Datasheet
1Mb / 71P
12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com