Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIP Datasheet(PDF) 1 Page - VIGO Photonics S.A.

Part # FIP
Description  Types of VIGO detectors that can be integrated with FIP preamplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIGO [VIGO Photonics S.A.]
Direct Link  https://vigophotonics.com/us/
Logo VIGO - VIGO Photonics S.A.

FIP Datasheet(HTML) 1 Page - VIGO Photonics S.A.

  FIP Datasheet HTML 1Page - VIGO Photonics S.A. FIP Datasheet HTML 2Page - VIGO Photonics S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FIP series preamplifiers datasheet
P a g e | 1
10/11/2020
VIGO System S.A. reserves the right to change these specifications at any time without notification.
www.vigo.com.pl
FIP series
FIP is a series of high speed, transimpedance, AC coupled preamplifiers,
intended to operate with biased TE cooled VIGO detectors. Fast preamplifier
enables precise I-V conversion, detector biasing up to 800 mV and
simultaneously maintains compact size and keeps current noise low. FIP is
equipped with a fan and does not require additional heat dissipation. It is
suitable for applications requiring wide frequency bandwidth. Additional DC
output is available as an option.
Features
Wide frequency bandwidth up to 1 GHz
Integrated fan
DC monitor as an option
Specification (Ta = 20°C)
Parameter
Typical value
Conditions,
remarks
Low cut-off frequency flo, Hz
1k, 10k
High cut-off frequency fhi, Hz
1G
Transimpedance Ki, V/A
up to 8.5k
fixed
Output impedance Rout, Ω
50
Output voltage swing Vout, V
±1
RL = 50 Ω*)
Power supply voltage Vsup, V
+12 / –5
Power supply current Isup, mA
+100
–50
Ambient operating temperature Ta, °C
10 to 30
Signal output socket
SMA
RF output
DC output socket
SMA
DC monitor (option)
Power supply and TEC control socket
LEMO (female) ECG.0B.309.CLN
Mounting hole
M4
Fan
yes
*) RL – load resistance
Types of VIGO detectors that can be
integrated with FIP preamplifier
Photovoltaic
PV-2TE, PV-3TE, PV-4TE
Photovoltaic optically immersed
PVI-2TE, PVI-3TE, PVI-4TE
Code description
Type
flo, Hz
fhi, Hz
Version
FIP –
1k
10k
1G
D
(with DC monitor)
ND
(without DC monitor)
Power supply and TEC control socket LEMO (female)
ECG.0B.309.CLN
Function
Symbol
Pin number
Fan (+)
FAN+
1
Thermistor output (2)
TH2
2
TEC supply input (–)
TEC–
3
Power supply input (–)
–Vsup
4
Ground
GND
5
Power supply input (+) +Vsup
6
TEC supply input (+)
TEC+
7
Thermistor output (1)
TH1
8
Data pin
DATA
9
Included accessories
SMA-BNC*), LEMO-DB9 cables
*) Additional SMA-BNC cable for FIP-xx-xx-D version.
Dedicated accessories
PTCC-01-BAS TEC controller + USB:
TypeA-MicroB cable + AC adaptor
PTCC-01-ADV TEC controller + USB:
TypeA-MicroB cable + AC adaptor
PTCC-01-OEM TEC controller + USB:
TypeA-MicroB, KK2-POWER cables
DRB-2 base mounting system


Similar Part No. - FIP

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FIP-S-31-00-4 FINISAR-FIP-S-31-00-4 Datasheet
117Kb / 1P
Pigtail Isolator
logo
Coherent Corp
FIP-S-31-00-4 COHERENT-FIP-S-31-00-4 Datasheet
187Kb / 2P
PIGTAIL ISOLATOR
logo
Finisar Corporation.
FIP-S-55-10-4 FINISAR-FIP-S-55-10-4 Datasheet
117Kb / 1P
Pigtail Isolator
logo
Coherent Corp
FIP-S-55-10-4 COHERENT-FIP-S-55-10-4 Datasheet
187Kb / 2P
PIGTAIL ISOLATOR
logo
List of Unclassifed Man...
FIP11B13B ETC1-FIP11B13B Datasheet
341Kb / 4P
FIP13Y8A
More results

Similar Description - FIP

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE15004 NTE-NTE15004 Datasheet
21Kb / 2P
Integrated Circuit Remote Control Preamplifier
NTE1764 NTE-NTE1764 Datasheet
20Kb / 2P
Integrated Circuit Infrared Preamplifier
logo
List of Unclassifed Man...
EE-SB5M ETC-EE-SB5M Datasheet
219Kb / 6P
Photomicrosensor with 80-mA Switching Capacity that can be Built into Equipment
logo
NTE Electronics
NTE1660 NTE-NTE1660 Datasheet
79Kb / 2P
Integrated Circuit Audio Preamplifier
logo
List of Unclassifed Man...
PMODJSTK ETC1-PMODJSTK Datasheet
127Kb / 3P
The PmodJSTK was designed to be a versatile user interface that can be used in a wide variety of projects.
logo
STMicroelectronics
AN2836 STMICROELECTRONICS-AN2836 Datasheet
2Mb / 57P
Modern motion control applications need more flexibility that can be addressed
22-Jul-2009
logo
Micross Components
AS8F2M32 MICROSS-AS8F2M32 Datasheet
530Kb / 12P
Any combination of Sectors can be Erased
logo
TDK Electronics
MLK1005S1N0ST000 TDK-MLK1005S1N0ST000 Datasheet
127Kb / 10P
With the adoption of a giga-spiral laminated structure, a self-resonant frequency higher than that of the MLG structure can be obtained,
logo
Zilog, Inc.
Z51F6412 ZILOG-Z51F6412 Datasheet
1Mb / 54P
Power supply level that can be adjusted with potentiometer R20
logo
PHOENIX CONTACT
UMK22REL24 PHOENIX-UMK22REL24 Datasheet
50Kb / 3P
Relay base family that can be fitted with 2 PDT relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com