Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LABM-I-4 Datasheet(PDF) 2 Page - VIGO Photonics S.A.

Part # LABM-I-4
Description  2.44.3 μm and over 5 MHz HgCdTe programmable, laboratory IR detection module with optically immersed photovoltaic detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIGO [VIGO Photonics S.A.]
Direct Link  https://vigophotonics.com/us/
Logo VIGO - VIGO Photonics S.A.

LABM-I-4 Datasheet(HTML) 2 Page - VIGO Photonics S.A.

  LABM-I-4 Datasheet HTML 1Page - VIGO Photonics S.A. LABM-I-4 Datasheet HTML 2Page - VIGO Photonics S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LabM-I-4 detection module datasheet
P a g e | 2
01/10/2021
VIGO System S.A. reserves the right to change these specifications at any time without notification.
www.vigo.com.pl
Mechanical layout, mm
Power supply and TEC control socket
LEMO (female) ECG.0B.309.CLN
Function
Symbol Pin number
Fan and programmable preamp
internal logic auxiliary supply
FAN+
1
Thermistor output (2)
TH2
2
TEC supply input (–)
TEC–
3
Power supply input (–)
–Vsup
4
Ground
GND
5
Power supply input (+)
+Vsup
6
TEC supply input (+)
TEC+
7
Thermistor output (1)
TH1
8
Biderictional data pin
DATA
9
Schematic diagram
Included accessories
SMA-BNC, LEMO-DB9 cables
Dedicated accessories
PTCC-01-BAS TEC controller + USB: TypeA-MicroB
cable + AC adaptor
PTCC-01-ADV TEC controller + USB: TypeA-MicroB
cable + AC adaptor
PTCC-01-OEM TEC controller + USB: TypeA-MicroB,
KK2-POWER cables
OTA optical threaded adapter
DRB-2 base mounting system



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com