Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICROM-10.6 Datasheet(PDF) 2 Page - VIGO Photonics S.A.

Part # MICROM-10.6
Description  2.0 – 12.0 μm and DC – 10 MHz HgCdTe micro-size IR detection module with photovoltaic multiple junction detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIGO [VIGO Photonics S.A.]
Direct Link  https://vigophotonics.com/us/
Logo VIGO - VIGO Photonics S.A.

MICROM-10.6 Datasheet(HTML) 2 Page - VIGO Photonics S.A.

  MICROM-10.6 Datasheet HTML 1Page - VIGO Photonics S.A. MICROM-10.6 Datasheet HTML 2Page - VIGO Photonics S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
microM-10.6 detection module datasheet
P a g e | 2
09/11/2020
VIGO System S.A. reserves the right to change these specifications at any time without notification.
www.vigo.com.pl
Mechanical layout, mm
Power supply plug 03T-JWPF-VSLE-S (male)
Function
Symbol Pin number
Power supply input (–)
–Vsup
1
Ground
GND
2
Power supply input (+) +Vsup
3
Schematic diagram
Included accessories
SMA-BNC, JWPF-DB9 cables
Dedicated accessories
PPS-03 preamplifier power supply + AC adaptor
MH-1 module’s holder
DRB-2 base mounting system



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com