Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS4013 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HS4013
Description  High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4013 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HS4013 Datasheet HTML 9Page - Renesas Technology Corp HS4013 Datasheet HTML 10Page - Renesas Technology Corp HS4013 Datasheet HTML 11Page - Renesas Technology Corp HS4013 Datasheet HTML 12Page - Renesas Technology Corp HS4013 Datasheet HTML 13Page - Renesas Technology Corp HS4013 Datasheet HTML 14Page - Renesas Technology Corp HS4013 Datasheet HTML 15Page - Renesas Technology Corp HS4013 Datasheet HTML 16Page - Renesas Technology Corp HS4013 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
HS401x Datasheet
R36DS0023EU0104 Rev.1.04
Mar 14, 2023
Page 13
4.4.4.
Measurement Conversion Times
The HS401x series sensors are designed to have relatively fast conversion times. The conversion time depends
on the resolution of the measurement and the command type (temperature or humidity and temperature). Table
6 summarizes the conversion times for different resolutions.
Table 6. Conversion Times
Measurement
Resolution(bits)
Measurement Time (ms)
Temperature
8
0.37
10
0.45
12
0.60
14
0.91
Humidity and Temperature [1]
8
0.64
10
0.80
12
1.04
14
1.70
1.
Assuming the same resolution settings for both humidity and temperature measurements.
4.4.5.
CRC Checksum Calculation
An 8-bit CRC checksum is transmitted after each measurement so the user can check for data corruption during
communications if desired. The properties of the CRC algorithm used are summarized in Table 7, and the CRC
is based on all 4 bytes of measurement data (2 bytes of humidity data followed by 2 bytes of temperature data).
For temperature-only measurements, the 2 bytes of humidity data are set to be all 0’s for the CRC calculation.
Table 7. CRC Checksum Properties
Property
Value
Input Data Width
32 bits
CRC Width
8 bits
Polynomial
0x1D (x8 + x4 + x3 + x2 + 1)
Initial Value
0xFF
Final XOR Value
0x00
Reflect Input
No
Reflect Output
No
Example
CRC (0x05800580) = 0xF2
4.5
Periodic Measurement Mode
The HS401x sensors can also be configured to measure at regular intervals without user intervention, and the
process to enable this mode is described in section 4.8.2. In this mode, the user can read the latest relative
humidity / temperature data by issuing a data fetch sequence, which consists of sending the HS401x I2C address
with a read bit. The sensor will then send the latest measurement result over the I2C bus. The data fetch
sequence is illustrated in Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com