Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1201774 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1201774
Description  NBC-M12MS-R4AC/94L/... - Network cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1201774 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1201774 Datasheet HTML 1Page - PHOENIX CONTACT 1201774 Datasheet HTML 2Page - PHOENIX CONTACT 1201774 Datasheet HTML 3Page - PHOENIX CONTACT 1201774 Datasheet HTML 4Page - PHOENIX CONTACT 1201774 Datasheet HTML 5Page - PHOENIX CONTACT 1201774 Datasheet HTML 6Page - PHOENIX CONTACT 1201774 Datasheet HTML 7Page - PHOENIX CONTACT 1201774 Datasheet HTML 8Page - PHOENIX CONTACT 1201774 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Network cable, Ethernet CAT5e (1 Gbps), 8-position, Plug straight M12, coding: A / IP65, on
Plug straight RJ45 / IP20
Commercial Data
Item number
1201774
Packing unit
1 pc
Note
Made to Order (non-returnable)
Sales Key
BF17
Product Key
BF1IHD
Weight per Piece (including packing)
22.22 g
Weight per Piece (excluding packing)
22.22 g
Customs tariff number
85444290
Country of origin
US
NBC-M12MS-R4AC/94L/... - Network cable
1201774
https://www.phoenixcontact.com/us/products/1201774
Jul 7, 2023, 6:14 AM
Page 1 (10)


Similar Part No. - 1201774

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1201770 PHOENIX-1201770 Datasheet
463Kb / 10P
NBC-M12MS-M12FS/94L/... - Network cable
1201771 PHOENIX-1201771 Datasheet
377Kb / 9P
NBC-M12MR-M12MR/94L/... - Network cable
1201772 PHOENIX-1201772 Datasheet
250Kb / 5P
GLM 5 - Nut
1201773 PHOENIX-1201773 Datasheet
462Kb / 10P
NBC-M12MR-M12FR/94L/... - Network cable
1201775 PHOENIX-1201775 Datasheet
464Kb / 10P
NBC-M12MR-R4AC/94L/... - Network cable
More results

Similar Description - 1201774

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1192089 PHOENIX-1192089 Datasheet
450Kb / 6P
Network cable - NBC-M12MS/40,0-94L/R4AC
10/14/2021
1192090 PHOENIX-1192090 Datasheet
450Kb / 6P
Network cable - NBC-M12MS/30,0-94L/R4AC
10/14/2021
1192094 PHOENIX-1192094 Datasheet
466Kb / 10P
Network cable - NBC-M12MS/ 5,0-94L/R4AC
1192091 PHOENIX-1192091 Datasheet
468Kb / 11P
NBC-M12MS/20,0-94L/R4AC - Network cable
1192093 PHOENIX-1192093 Datasheet
468Kb / 11P
NBC-M12MS/10,0-94L/R4AC - Network cable
1192092 PHOENIX-1192092 Datasheet
470Kb / 10P
NBC-M12MS/15,0-94L/R4AC - Network cable
1192095 PHOENIX-1192095 Datasheet
470Kb / 10P
NBC-M12MS/ 2,0-94L/R4AC - Network cable
1192096 PHOENIX-1192096 Datasheet
467Kb / 9P
NBC-M12MS/ 0,5-94L/R4AC - Network cable
1201764 PHOENIX-1201764 Datasheet
372Kb / 9P
NBC-M12MS/94L/... - Network cable
1201768 PHOENIX-1201768 Datasheet
369Kb / 9P
NBC-M12MS-M12MS/94L/... - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com