Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1935 Datasheet(PDF) 2 Page - PREMIER DEVICES, INC.

Part # P1935
Description  Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

P1935 Datasheet(HTML) 2 Page - PREMIER DEVICES, INC.

  P1935 Datasheet HTML 1Page - PREMIER DEVICES, INC. P1935 Datasheet HTML 2Page - PREMIER DEVICES, INC. P1935 Datasheet HTML 3Page - PREMIER DEVICES, INC. P1935 Datasheet HTML 4Page - PREMIER DEVICES, INC. P1935 Datasheet HTML 5Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Product Specification
P1935
Power Amplifier 1880-1920 MHz, 35 dB min. Gain @ 1900 Hz @ 33.5 dBm Output
Page 2 of 5
September 2006
Document Revision Level B
Power Characteristics: P1935
15
20
25
30
35
40
-20
-15
-10
-5
0
5
10
Pin [dBm]
f=1900MHz, V1=10V, V2= -5V
Gain vs. Pout: P1935
30
32
34
36
38
40
20
22
24
26
28
30
32
34
36
38
Pout [dBm]
f=1900MHz, V1=10V, V2= -5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com