Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DML3012LDC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DML3012LDC
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML3012LDC Datasheet(HTML) 4 Page - Diodes Incorporated

  DML3012LDC Datasheet HTML 1Page - Diodes Incorporated DML3012LDC Datasheet HTML 2Page - Diodes Incorporated DML3012LDC Datasheet HTML 3Page - Diodes Incorporated DML3012LDC Datasheet HTML 4Page - Diodes Incorporated DML3012LDC Datasheet HTML 5Page - Diodes Incorporated DML3012LDC Datasheet HTML 6Page - Diodes Incorporated DML3012LDC Datasheet HTML 7Page - Diodes Incorporated DML3012LDC Datasheet HTML 8Page - Diodes Incorporated DML3012LDC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DML3012LDC
Document number: DS44725 Rev. 7 - 2
2 of 13
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DML3012LDC
Absolute Maximum Rating
Parameter
Rating
VIN, BLEED, VOUT to GND
-0.3V to 24V
EN, VCC, SR, PG to GND
-0.3V to 6V
IMAX_DC
15A
Junction Temperature (TJ)
-40°C to +125°C
Storage Temperature (TS)
-65°C to +150°C
*IMAX_DC defined as the maximum steady state current the load switch
can pass at room ambient temperature without entering thermal lockout.
Recommended Operating Ranges
Parameter
Rating
Supply Voltage (VVCC)
3V to 5.5V
Input Voltage (VVIN)
0.5V to 20V
Ambient Temperature (TA)
-40°C to +85°C
Package Thermal Resistance (
ϴJC)
3.5°C/W
Package Thermal Resistance (
ϴJA)
30°C/W
Electrical Characeristics (TA = +25°C, VVCC = 3.3V, VVIN = 5V = VTERM, CVIN = 1μF, CVOUT = 0.1μF, CVCC = 1μF, CSR = 1nF,
unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VVIN
Input Voltage
—
0.5
—
20
V
VVCC
Supply Voltage
—
3.0
—
5.5
V
IDYN
VCC Dynamic Supply Current
VEN = VVCC = 3V, VVIN = 20V
—
150
250
µA
VEN = VVCC = 5.5V, VVIN = 1.8V
—
190
350
µA
ISTBY
VCC Shutdown Supply Current
VVCC = 3V, VEN = 0V
—
0.1
1
µA
VVCC = 5.5V, VEN = 0V
—
0.1
2
µA
VENH
EN High Level Voltage
VVCC = 3V to 5.5V
2.0
—
—
V
VENL
EN Low Level Voltage
VVCC = 3V to 5.5V
—
—
0.8
V
RBLEED
Bleed Resistance
VVCC = 3V, VEN = 0V
90
120
150
Ω
VVCC = 5.5V, VEN = 0V
70
100
130
Ω
IBLEED
Bleed Pin Leakage Current
VVCC = VEN = 3V, VVIN = 1.8V
—
3
—
µA
VVCC = VEN = 3V, VVIN = 20V
—
32
—
µA
VPGL
PG Output Low Voltage
VVCC = 3V, ISINK = 5mA
—
—
0.2
V
IPG
PG Output Leakage Current
VVCC = 3V, VTERM = 3.3V
—
—
100
nA
Switching Device
RON
Switch On-State Resistance
VVCC = 3.3V, VVIN = 1.8V
—
6.1
9
m
Ω
VVCC = 3.3V, VVIN = 5V
—
5.9
9
m
Ω
VVCC = 3.3V, VVIN = 12V
—
5.8
9
m
Ω
VVCC = 5V, VVIN = 1.8V
—
4.8
7
m
Ω
VVCC = 5V, VVIN = 5V
—
4.8
7
m
Ω
VVCC = 5V, VVIN = 12V
—
4.8
7
m
Ω
ILEAK
Input Shutdown Supply Current
VEN = 0V, VVIN = 20V
—
—
10
µA
RPDEN
EN Pulldown Resistance
—
50
100
150
k
Ω
Fault Protection
TOTP
Thermal Shutdown Threshold
VVCC = 3V to 5.5V
—
+145
—
°C
TOTPHYS
Thermal Shutdown Hysteresis
VVCC = 3V to 5.5V
—
+20
—
°C
VUVLO
VCC Lockout Threshold
VCC Falling
2.3
2.55
2.8
V
VUVLOHYS
VCC Lockout Hysteresis
VCC Rising
—
200
—
mV
VSCP
Short-Circuit Protection Threshold
VVCC = 3.3V, VVIN = 0.5V
170
240
350
mV
VVCC = 3.3V, VVIN = 20V
100
250
500
mV
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com