Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P25Q64U Datasheet(PDF) 21 Page - Puya Semiconductor Co., Ltd.

Part # P25Q64U
Description  Ultra Low Power, 64M-bit Serial Multi I/O Flash Memory Datasheet
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.

P25Q64U Datasheet(HTML) 21 Page - Puya Semiconductor Co., Ltd.

Back Button P25Q64U Datasheet HTML 17Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 18Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 19Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 20Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 21Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 22Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 23Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 24Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 25Page - Puya Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
P25Q64U Datasheet
Puya Semiconductor
Page 21 of 97
9
Hold Feature
HOLD# pin signal goes low to hold any serial communications with the device. The HOLD feature will not stop
the operation of write status register, programming, or erasing in progress.
The operation of HOLD requires Chip Select(CS#) keeping low and starts on falling edge of HOLD# pin signal
while Serial Clock (SCLK) signal is being low (if Serial Clock signal is not being low, HOLD operation will not
start until Serial Clock signal being low).
The HOLD condition ends on the rising edge of HOLD# pin signal
while Serial Clock(SCLK) signal is being low( if Serial Clock signal is not being low, HOLD operation will not
end until Serial Clock being low).
Figure 9-1 Hold Condition Operation
HOLD
HOLD
CS#
SCLK
HOLD#
During the HOLD operation, the Serial Data Output (SO) is high impedance when Hold# pin goes low and will
keep high impedance until Hold# pin goes high. The Serial Data Input (SI) is don't care if both Serial Clock
(SCLK) and Hold# pin goes low and will keep the state until SCLK goes low and Hold# pin goes high. If Chip
Select (CS#) drives high during HOLD operation, it will reset the internal logic of the device. To re-start
communication with chip, the HOLD# must be at high and CS# must be at low.
Note: The HOLD feature is disabled during Quad I/O mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com