Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5P4M Datasheet(PDF) 2 Page - HAOPIN MICROELECTRONICS CO.,LTD

Part # 5P4M
Description  Blocking voltage to 600 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD

5P4M Datasheet(HTML) 2 Page - HAOPIN MICROELECTRONICS CO.,LTD

  5P4M Datasheet HTML 1Page - HAOPIN MICROELECTRONICS CO.,LTD 5P4M Datasheet HTML 2Page - HAOPIN MICROELECTRONICS CO.,LTD 5P4M Datasheet HTML 3Page - HAOPIN MICROELECTRONICS CO.,LTD 5P4M Datasheet HTML 4Page - HAOPIN MICROELECTRONICS CO.,LTD 5P4M Datasheet HTML 5Page - HAOPIN MICROELECTRONICS CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Limiting values in accordance with the Maximum system(IEC 134)
2/5
http://www.haopin.com
HAOPIN MICROELECTRONICS CO.,LTD.
TM
HPM
SCRs
5P4M
5P6M
5P4M
5P6M
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
V
DRM
I
T(AV)
i2
Tdt
dv/dt
I
FGM
V
RGM
P
GM
T
stg
T
j
P
G(AV)
Repetitive peak off-state
Voltages
Average On-state
Current
Fusing Current
Critical Rate of Rise of Off
Sate Voltage
Peak Gate Forward current
Peak Gate Reverse Voltage
Peak gate power
Average gate power
Storage temperature
JunctionTemperature
V
V
V
V
V
A
W
W
1ms
t
10ms
V =V
,T =125
DM
DRM
j
-
-
-
-
-
-
-
-
-
-
-40
400
400
125
OC
OC
T =25 C unless otherwise stated
J
O
Static characteristics
I
GT
V
GT
I
RRM
I
DRM
I
H
V
GD
V
TM
R
th
Dynamic Characteristics
tq
Gate-Trigger Current
Gate-Trigger Voltage
Repetitive Peak Reverse
Current
Repetitive Peak Off-State
Current
Holding Current
Gate Non-Trigger Voltage
On-Sate Voltage
Thermal Resistance
Circuit Commuted
Turn-Off Time
V =6V; R =100
DM
L
V =6V; R =100
DM
L
V =V
; T =125
RM
RRM
j
V =V
; T =125
DM
DRM
j
V =1/2V
T =125
DM
DRM,
j
V =24V
D
I =10A
TM
Junction to case
UNIT
MAX
TYP
-
--
-
-
-
-
-
0.2
-
-
-
-
-
-
10
3
mA
V
V
I =5A;V
25V
TM
R
V =2/3V
,diR/dt=15A/
DM
DRM
dv/dt=10v/
s,T =125
j
10
1.5
mA
-
-
-
-
2
2
mA
mA
5
500
500
1.4
V
2
10
5
0.5
150
s
s
-
40
V/ s
A
28
As
2
Tc=103,=180Singe phase half wave
Non-Repetitive Peak
Reverse Voltage
Repetitive Peak
Reverse Voltage
Non-Repetitive Peak
Off-State Voltage
-
-40
F
50 Hz,Duty
10%
V
RSM
V
RRM
V
DSM
80
/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com