Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7980 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7980
Description  16-bit, 1 MSPS PulSAR ADC in MSOP/QFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7980 Datasheet HTML 5Page - Analog Devices AD7980 Datasheet HTML 6Page - Analog Devices AD7980 Datasheet HTML 7Page - Analog Devices AD7980 Datasheet HTML 8Page - Analog Devices AD7980 Datasheet HTML 9Page - Analog Devices AD7980 Datasheet HTML 10Page - Analog Devices AD7980 Datasheet HTML 11Page - Analog Devices AD7980 Datasheet HTML 12Page - Analog Devices AD7980 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Preliminary Technical Data
AD7980
Rev Pr C | Page 9 of 22
TYPICAL PERFORMANCE CHARACTERISTICS: VDD=2.5V, VREF=5.0V, VIO=3.3V
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
16384
32768
49152
65536
CODE
POSITIVE INL: +0.23 LSB
NEGATIVE INL: -0.68 LSB
Figure 6. Integral Nonlinearity vs. Code
01
543
172
00
34629
45049
180726
0
20000
40000
60000
80000
100000
120000
140000
160000
180000
200000
7FF9
7FFA
7FFB
7FFC
7FFD
7FFE
7FFF
8000
8001
CODE IN HEX
Figure 7. Histogram of a DC Input at the Code Center
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
FREQUENCY (kHz)
fS = 1 MSPS
fIN = 20kHz
SNR = 91.5dB
THD = -101.0dB
SFDR = 103.5dB
SINAD = 91.0dB
Figure 8. FFT Plot
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
16384
32768
49152
65536
CODE
POSITIVE DNL: +0.32 LSB
NEGATIVE DNL: -0.25 LSB
Figure 9. Differential Nonlinearity vs. Code
005
3567
000
123672
5587
128289
0
20000
40000
60000
80000
100000
120000
140000
7FF9
7FFA
7FFB
7FFC
7FFD
7FFE
7FFF
8000
8001
8002
CODE IN HEX
Figure 10. Histogram of a DC Input at the Code Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com