Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCKS Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # BCKS
Description  BCKS BINARY CODED ROTARY SWITCH IP66/IP67
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

BCKS Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  BCKS Datasheet HTML 1Page - Lorlin Electronics Ltd. BCKS Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCKS BINARY CODED ROTARY SWITCH IP66/IP67
ELECTRICAL & MECHANICAL SPECIFICATION
FEATURES
ROTARY SWITCH
BCKS
Spindles with special flats, slots or knurls
Binary coded Hexadecimal and complimentary versions
Adjustable stop to restrict number of positions
Note: If stop washer not used, do not fit the backing ring
to maintain O ring IP panel sealing.
Switch Rating:
150mA @ 24V ac/dc
Proof Voltage:
250V ac (Initial)
Insulation Resistance:
>999 MΩ at 500V dc (Initial)
Contact Resistance
<50 mΩ (Initial)
Life:
>10,000 Cycles
Operating Temperature:
-30°C to +85°C
Operating Torque (nominal):
Standard 4.7 ± 0.5 cNm
End Stop Torque (nominal):
0.8 Nm
PCB Terminals
+extra stabilising terminals
Standard silver contacts, gold
flashed or gold plated also available
Standard 22.5° indexing
Moulded 27.5mm diameter
Terminal Material:
Brass, CZ108 Sn Plated
Housing/Bush Material
Polyamide 6.6 G.F
Made in the UK
UL-V0 rated material option
STANDARD PART NUMBERS
Panel Sealed IP66/67
Smooth feel operation


Similar Part No. - BCKS

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
BCKS1001 LORLIN-BCKS1001 Datasheet
406Kb / 2P
BCKS BINARY CODED ROTARY SWITCH
BCKS1002 LORLIN-BCKS1002 Datasheet
406Kb / 2P
BCKS BINARY CODED ROTARY SWITCH
More results

Similar Description - BCKS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
logo
Lorlin Electronics Ltd.
CKS LORLIN-CKS Datasheet
955Kb / 4P
CKS IP66/IP67 SEALED ROTARY SWITCH
GCKS LORLIN-GCKS Datasheet
699Kb / 2P
GCKS GRAY CODED ROTARY SWITCH IP66/IP67
WRL LORLIN-WRL Datasheet
649Kb / 1P
WRL IP66/IP67 SEALED LOCK SWITCH
WRL60 LORLIN-WRL60 Datasheet
757Kb / 2P
WRL60 IP66/IP67 LOCK SWITCH
WRL90 LORLIN-WRL90 Datasheet
699Kb / 2P
WRL90 IP66/IP67 LOCK SWITCH
WRLMC LORLIN-WRLMC Datasheet
557Kb / 1P
WRLMC IP66/IP67 SEALED MAINS LOCK SWITCH - COMPACT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com