Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTS-11-10 Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # MTS-11-10
Description  MT SUBMINIATURE ROTARY SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

MTS-11-10 Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  MTS-11-10 Datasheet HTML 1Page - Lorlin Electronics Ltd. MTS-11-10 Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MT SUBMINIATURE ROTARY SWITCH
ELECTRICAL & MECHANICAL SPECIFICATION
Switch Rating:
500mA @ 24 ac/dc
Life:
>2500 Cycles
Proof Voltage:
500 Vac (Initial)
Operating Temperature:
-30°C to +65°C
Insulation Resistance:
>999 MΩ at 500V dc (Initial)
Operating Torque (nominal):
Standard 3.2 ± 0.5 cNm
FEATURES
ROTARY SWITCH
MT
Moulded 9.2mm diameter
6.4mm mounted height
above PCB
PCB terminals
Gold plated contacts
Contact Resistance
<50 mΩ (Initial)
<100 mΩ end of life
End Stop Torque (nominal):
20 cNm
Indexing Angle
45° – max 8 positions
Base Material:
LCP:
Terminal Material:
Brass Ag Plated
Housing Material:
Nylon 6.6
Spindle Material
Nylon 6.6
45° indexing
Maximum 8 positions
1 pole 7 positions + OFF
Up to 4 poles per switch
Short 2.5 mm and long
7.73 mm spindles with
screwdriver slots
SHORT SPINDLE WITH SCREWDRIVER SLOT (MTS)


Similar Part No. - MTS-11-10

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
MTS-11-10 LORLIN-MTS-11-10 Datasheet
440Kb / 1P
MT SUBMINIATURE ROTARY SWITCH
More results

Similar Description - MTS-11-10

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
Subminiature Basic Switch
logo
List of Unclassifed Man...
DRR4010 ETC2-DRR4010 Datasheet
217Kb / 2P
Subminiature Rotary Coded Switches
logo
Cherry Semiconductor Co...
DB2C-A1AA CHERRY-DB2C-A1AA Datasheet
213Kb / 4P
DB subminiature switch
logo
List of Unclassifed Man...
DC3C-A1AA ETC2-DC3C-A1AA Datasheet
595Kb / 4P
DC subminiature switch
logo
Cherry Semiconductor Co...
E63-00K CHERRY-E63-00K Datasheet
771Kb / 3P
SUBMINIATURE Switch Modules
DCJK CHERRY-DCJK Datasheet
342Kb / 2P
subminiature switch
logo
C&K Components
RM-SERIES CK-COMPONENTS-RM-SERIES Datasheet
496Kb / 3P
Subminiature Rotary Switches
RM CK-COMPONENTS-RM Datasheet
228Kb / 3P
Subminiature Rotary Switches
2018
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
ROTARY SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com