Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WIRL Datasheet(PDF) 2 Page - Lorlin Electronics Ltd.

Part # WIRL
Description  WIRL IP66/IP67 SEALED IMPULSION LOCK SWITCH 2 & 3 POSITION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

WIRL Datasheet(HTML) 2 Page - Lorlin Electronics Ltd.

  WIRL Datasheet HTML 1Page - Lorlin Electronics Ltd. WIRL Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SINGLE POLE 3 POSITION
Available in three versions:-
Type L - Left spring return with latching to the right.
Type D - Double spring return.
Type R - Right spring return with latching to the left.
Type R Alternate mounting
SINGLE POLE LOCK SWITCH
TAPERED LOCK HEAD 60° INDEXING
Tapered lock head 60° indexing Spring Return 1 Pole 3 Position



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com