Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRLMC Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # WRLMC
Description  WRLMC IP66/IP67 SEALED MAINS LOCK SWITCH - COMPACT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

WRLMC Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  WRLMC Datasheet HTML 1Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WRLMC IP66/IP67 SEALED MAINS LOCK SWITCH - COMPACT
Switch module approved to EN61058-1 VDE ENEC
ELECTRICAL & MECHANICAL SPECIFICATION
Switch Rating:
4/80A @240V ac R.C.
Life:
>15,000 Cycles
Proof Voltage:
3kV min (Initial)
Insulation Resistance:
>999MΩ @ 500V dc (Initial)
Lock Type:
5 Disc
Contact Resistance:
<20mΩ (Initial)
Lock Housing:
Zinc Alloy Bright Cr Plated
Contact Material:
Brass CZ108, Ag Plat
Switch Chamber:
Polyamide 6.6 G>F. V0 Rated
Switch Contact Material:
Silver Cadmium Oxide
FEATURES
LOCK SWITCH
WRLMC
Solder or PCB terminals
Tapered lock heads
2 keys per switch -
Up to 200 differ key combinations
available
Keys are double entry (can be
inserted into lock either way up)
60 ° lock movement
Double pole mains isolating
– ENEC
Two stage assembly: Lock
through front, module snaps on
from inside
Made in the UK
Double pole mains isolating –
ENEC
Length behind panel <30 mm
max panel thickness 4.5mm
Panel seal to IP67
Operating Temperature:
-25°C to +85°C
Flame Retardancy:
UL94V0
Tag Panel:
SRBP/Polyamide V0 Rated
ORDERING CODE
Suitable for Marine Environment Exposure to Severity One (EN60068-2-52) salt mist tested


Similar Part No. - WRLMC

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
WRLM LORLIN-WRLM Datasheet
1Mb / 1P
WRLM IP67 SEALED MAINS LOCK SWITCH
More results

Similar Description - WRLMC

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
BCKS LORLIN-BCKS Datasheet
723Kb / 2P
BCKS BINARY CODED ROTARY SWITCH IP66/IP67
CKS LORLIN-CKS Datasheet
955Kb / 4P
CKS IP66/IP67 SEALED ROTARY SWITCH
DSL LORLIN-DSL Datasheet
261Kb / 1P
DSL MAINS LOCK SWITCH
SRLM LORLIN-SRLM Datasheet
1Mb / 1P
SRLM MAINS LOCK SWITCH
SRLMC LORLIN-SRLMC Datasheet
581Kb / 1P
SRLMC MAINS LOCK SWITCH - COMPACT
WIRL LORLIN-WIRL Datasheet
765Kb / 2P
WIRL IP66/IP67 SEALED IMPULSION LOCK SWITCH 2 & 3 POSITION
WRL LORLIN-WRL Datasheet
649Kb / 1P
WRL IP66/IP67 SEALED LOCK SWITCH
WRL60 LORLIN-WRL60 Datasheet
757Kb / 2P
WRL60 IP66/IP67 LOCK SWITCH
WRL90 LORLIN-WRL90 Datasheet
699Kb / 2P
WRL90 IP66/IP67 LOCK SWITCH
WRLM LORLIN-WRLM Datasheet
1Mb / 1P
WRLM IP67 SEALED MAINS LOCK SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com