Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLV57 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLV57
Description  UHF linear push-pull power transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV57 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLV57 Datasheet HTML 1Page - NXP Semiconductors BLV57 Datasheet HTML 2Page - NXP Semiconductors BLV57 Datasheet HTML 3Page - NXP Semiconductors BLV57 Datasheet HTML 4Page - NXP Semiconductors BLV57 Datasheet HTML 5Page - NXP Semiconductors BLV57 Datasheet HTML 6Page - NXP Semiconductors BLV57 Datasheet HTML 7Page - NXP Semiconductors BLV57 Datasheet HTML 8Page - NXP Semiconductors BLV57 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1998 Feb 09
4
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV57
THERMAL RESISTANCE
(dissipation = 42 W; Tmb = 80,5 °C, i.e. Th =70 °C)
From junction to mounting base (d.c. dissipation)
Rth j−mb(dc)
=
2,43
K/W
From junction to mounting base (r.f. dissipation)
Rth j−mb(rf)
=
1,91
K/W
From mounting base to heatsink
Rth mb−h
=
0,25
K/W
Fig.3 Power derating curves vs. temperature.(1)
I Continuous d.c. (including r.f. class-A) operation
II Continuous r.f. operation
Dissipation of either transistor section should not exceed half rated dissipation.
handbook, halfpage
050
Th (°C)
100
100
75
25
0
50
MGP359
Ptot
(W)
ΙΙ
Ι



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com