Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGLS128128-HT-F-LED Datasheet(PDF) 9 Page - Varitronix international limited

Part # MGLS128128-HT-F-LED
Description  SPECIFICATION OF LCD MODULE TYPE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VARITRONIX [Varitronix international limited]
Direct Link  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited

MGLS128128-HT-F-LED Datasheet(HTML) 9 Page - Varitronix international limited

Back Button MGLS128128-HT-F-LED Datasheet HTML 3Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 4Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 5Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 6Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 7Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 8Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 9Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 10Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 11Page - Varitronix international limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
VL-FS-MGLS128128-29C REV. B
(MGLS128128T-HT-F-LED WHITE)
MAY/2004
PAGE 9 OF 11
4.3 Timing Specifications
At Ta = -20
°C To +70°C, VDD = 5V±5%,VSS=0V
Refer to Fig. 2, the bus timing diagram.
Table 6
Parameter
Symbol
Min.
Max.
Unit
C/D Set-up time
tCDS
100
-
ns
C/D Hold Time
tCDH
10
-
ns
/CE,/RD,/WR Pulse Width
tCE, tRD, tWR
80
-
ns
Data Set-up Time
tDS
80
-
ns
Data Hold Time
tDH
40
-
ns
Access Time
tACC
-
150
ns
Output Hold Time
tOH
10
50
ns
Figure 2: Bus Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com