Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCD50STEVAL Datasheet(PDF) 9 Page - Zetex Semiconductors

Part # ZXCD50STEVAL
Description  50W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCD50STEVAL Datasheet(HTML) 9 Page - Zetex Semiconductors

Back Button ZXCD50STEVAL Datasheet HTML 3Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 4Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 5Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 6Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 7Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 8Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 9Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 10Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 11Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ZETEX CLASS D 50W STEREO DISTRIBUTOR BOARD BOM - REV1
PCB ID
Value
Case
Specific
Part Number
Note
Manufacturer
Capacitors :-
C34
2200u ±20%
31.5mmHx16mmD
Panasonic
FC series
THC 105
35V Elect
x7.5mmP
Farnell 303-6455
C35
100n 50V X7R
SMD 0805
Generic
C36
220u ±20%
11.5mmHx8mmD
Rubycon
ZL series
THC 105
25V Elect
x3.5mmP
Farnell 762-090
C37
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16V Elect
x2mmP
Farnell 301-7564
C101
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16V Elect
x2mmP
Farnell 301-7564
C102
1n
50V X7R
SMD 0805
Generic
C103
47p
16V COG
SMD 0805
Generic
C104
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16V Elect
x2mmP
Farnell 301-7564
C105
100n 50V X7R
SMD 0805
C106
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16V Elect
x2mmP
Farnell 301-7564
C107
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16V Elect
x2mmP
Farnell 301-7564
C109
47n
16V X7R
SMD 0805
Generic
C110
47n
16V X7R
SMD 0805
Generic
C111
6n8
16V X7R
SMD 0805
Generic
C112
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16V Elect
x2mmP
Farnell 301-7564
C113
100n 50V X7R
SMD 0805
Generic
C114
6n8
16V X7R
SMD 0805
Generic
C115
100n 50V X7R
SMD 0805
Generic
C116
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16V Elect
x2mmP
Farnell 301-7564
C117
100n 50V X7R
SMD 0805
Generic
C118
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16V Elect
x2mmP
Farnell 301-7564
C119
100u ±20%
11mmHx6.3mmD
Rubycon
YXF series
THC105
16V Elect
x2.5mmP
Farnell 580-417
C120
1u
25V X7R
SMD 1206
Generic
C121
1u
25V X7R
SMD 1206
Generic
C122
1u
25V X7R
SMD 1206
Generic
C123
1u
25V X7R
SMD 1206
Generic
C124
470n 50V X7R
SMD 1812
Generic
C125
1u
63V Polyester
5mm pitch
Generic
C126
470n 50V X7R
SMD 1812
Generic
C127
1u
63V Polyester
5mm pitch
Generic
C128
100n 50V X7R
SMD 0805
Generic
C129
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16V Elect
x2mmP
Farnell 301-7564
C130
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16V Elect
x2mmP
Farnell 301-7564
C131
100n 50V X7R
SMD 0805
C132
100u ±20%
11.5mmHx8mmD
Rubycon
ZL series
THC 105
50V Elect
x3.5mmP
Farnell 778-679
C133
220n 50V X7R
SMD 0805
C134
2200u ±20%
31.5mmHx16mmD
Panasonic
FC series
THC 105
35V Elect
x7.5mmP
Farnell 303-6455
C135
100n 50V X7R
SMD 0805
Generic
ZXCD50STEVAL
ISSUE 1 - JULY 2002
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com