Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLV897 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLV897
Description  UHF push-pull power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV897 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLV897 Datasheet HTML 4Page - NXP Semiconductors BLV897 Datasheet HTML 5Page - NXP Semiconductors BLV897 Datasheet HTML 6Page - NXP Semiconductors BLV897 Datasheet HTML 7Page - NXP Semiconductors BLV897 Datasheet HTML 8Page - NXP Semiconductors BLV897 Datasheet HTML 9Page - NXP Semiconductors BLV897 Datasheet HTML 10Page - NXP Semiconductors BLV897 Datasheet HTML 11Page - NXP Semiconductors BLV897 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1997 Nov 10
8
Philips Semiconductors
Preliminary specification
UHF push-pull power transistor
BLV897
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT324B
97-06-05
0
5
10 mm
scale
Flanged ceramic package; 2 mounting holes; 4 leads
SOT324B
0.13
0.07
1.66
1.39
8.69
8.07
1.66
1.39
5.59
4.57
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
3.43
3.17
4.37
3.55
2.32
2.00
D
q
U1
2
5
4
1
3
A
U2
E
p
b
s
L
L
Q
F
c
UNIT
Q
cD
6.91
6.29
EF
L
p
q
mm
b
19.03
18.77
U2
U1
1.66
1.39
s
6.43
6.17
0.51
14.22
w1
1.02
w2
A
M
C
C
A
w1
w2
AB
M
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com