Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMMT5401 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMMT5401
Description  MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMMT5401 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMMT5401 Datasheet HTML 1Page - Diodes Incorporated DMMT5401 Datasheet HTML 2Page - Diodes Incorporated DMMT5401 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30437 Rev. 1 - 2
2 of 3
DMMT5401
www.diodes.com
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Collector-Base Breakdown Voltage
V(BR)CBO
-160
¾
V
IC = -100
mA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-150
¾
V
IC = -1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5.0
¾
V
IE = -10
mA, IC = 0
Collector Cutoff Current
ICBO
¾
-50
nA
mA
VCB = -120V, IE = 0
VCB = -120V, IE = 0, TA = 100
°C
Emitter Cutoff Current
IEBO
¾
-50
nA
VEB = -3.0V, IC = 0
ON CHARACTERISTICS (Note 5)
DC Current Gain (Note 6)
hFE
50
60
50
¾
240
¾
¾
IC = -1.0mA, VCE = -5.0V
IC = -10mA, VCE = -5.0V
IC = -50mA, VCE = -5.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
-0.2
-0.5
V
IC = -10mA, IB = -1.0mA
IC = -50mA, IB = -5.0mA
Base-Emitter Saturation Voltage
VBE(SAT)
¾
-1.0
V
IC = -10mA, IB = -1.0mA
IC = -50mA, IB = -5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
¾
6.0
pF
VCB = -10V, f = 1.0MHz, IE = 0
Small Signal Current Gain
hfe
40
200
¾
VCE = -10V, IC = -1.0mA,
f = 1.0kHz
Current Gain-Bandwidth Product
fT
100
300
MHz
VCE = -10V, IC = -10mA,
f = 100MHz
Noise Figure
NF
¾
8.0
dB
VCE = -5.0V, IC = -200
mA,
RS = 10
W, f = 1.0kHz
Ordering Information (Note 7)
Device
Packaging
Shipping
DMMT5401-7
SOT-26
3000/Tape & Reel
Notes:
5. Short duration test pulse used to minimize self-heating effect.
6. The DC Current Gain, hFE, (matched at IC = -10mA and VCE = -5V) Collector Emitter Saturation Voltage, VCE(SAT), and Base
Emitter Saturation Voltage, VBE(SAT) are matched with typical matched tolerances of 1% and maximum of 2%.
7. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
8. For Lead Free version (with Lead Free terminal finish) part number, please add "-F" suffix to part number above.
Example: DMMT5401-7-F.
Marking Information
K4S
K4S = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: P = 2003
M = Month ex: 9 = September
Date Code Key
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
2003
2004
2005
2006
2007
2008
2009
Code
PR
ST
U
V
W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com