Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT0201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT0201
Description  Thin Film Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT0201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT0201 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT0201 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YAGEO CORPORATION SMD RESISTORS
Thin Film Chip Resistors
RT Series
FEATURES
High Stability
Low TCR / Low Noise
High Accuracy (
± 0.1%, ± 0.5%)
Overcoat
Internal Electrode (Ag-Pd)
Alumina Substrate
Resistor (NiCr)
External Electrode (Solder Plated)
Secondary Electrode (Nickel Plated)
DIMENSIONS
STYLE
L
W
H
I
1
I
2
RT0201
0.60
± 0.10
0.30
± 0.05
0.25
± 0.05
0.15
± 0.10
0.15
± 0.10
RT0402
1.00
± 0.10
0.50
± 0.05
0.30
± 0.05
0.20
± 0.10
0.25
± 0.10
RT0603
1.60
± 0.10
0.80
± 0.10
0.45
± 0.10
0.25
± 0.15
0.25
± 0.15
RT0805
2.00
± 0.10
1.25
± 0.10
0.50
± 0.10
0.35
± 0.20
0.35
± 0.20
RT1206
3.10
± 0.10
1.60
± 0.10
0.55
± 0.10
0.45
± 0.20
0.40
± 0.20
RT1210
3.10
± 0.10
2.60
± 0.15
0.55
± 0.10
0.50
± 0.20
0.50
± 0.20
RT2010
5.00
± 0.10
2.50
± 0.15
0.55
± 0.10
0.60
± 0.20
0.50
± 0.20
RT2512
6.35
± 0.10
3.20
± 0.15
0.55
± 0.10
0.60
± 0.20
0.50
± 0.20
Unit : mm
H
W
I
2
I
2
I
1
I
1
L


Similar Part No. - RT0201

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RT0201BKA07XRXXL YAGEO-RT0201BKA07XRXXL Datasheet
427Kb / 9P
THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
RT0201BKA07XXRXL YAGEO-RT0201BKA07XXRXL Datasheet
427Kb / 9P
THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
RT0201BKA10XRXXL YAGEO-RT0201BKA10XRXXL Datasheet
427Kb / 9P
THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
RT0201BKA10XXRXL YAGEO-RT0201BKA10XXRXL Datasheet
427Kb / 9P
THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
RT0201BKA13XRXXL YAGEO-RT0201BKA13XRXXL Datasheet
427Kb / 9P
THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
More results

Similar Description - RT0201

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
Precision Thin Film Chip Resistors
16-Jan-13
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
logo
NIC-Components Corp.
NTR NIC-NTR Datasheet
114Kb / 5P
Thin Film Chip Resistors
logo
KOA Speer Electronics, ...
SHDR KOA-SHDR Datasheet
378Kb / 2P
microwave thin film chip resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
Thin Film Precision Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com