Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT2805BTH Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI49FCT2805BTH
Description  Fast CMOS Buffer/Clock Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT2805BTH Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI49FCT2805BTH Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT2805BTH Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT2805BTH Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT2805BTH Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT2805BTH Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT2805BTH Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT2805BTH Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT2805BTH Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PS7006C
06/27/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT805T
PI49FCT2805T/PI49FCT806T
Fast CMOS Buffer/Clock Driver
SwitchingWaveforms
Output Skew – tSK(o)
Input
tPLHx
3V
1.5V
0V
Ox
VOH
1.5V
VOL
tPHLx
tSK(o)
Oy
VOH
1.5V
VOL
tSK(o)
tPLHy
tPHLy
tSK(o) =|tPLHy –tPLHx |or|tPHLy –tPHLx |
Pulse Skew – tSK(p)
Package Skew – tSK(t)
PropagationDelay
Input
tPLH
3V
1.5V
0V
Output
VOH
1.5V
VOL
tPHL
EnableandDisableTimes
tPZL
OE
1.5V
0V
3V
1.5V
3.5V
0V
1.5V
tPLZ
VOL
3.5V
0V
tPZH
tPHZ
0.3V
0.3V
Output
Normally
Low
Output
Normally
High
Switch
Closed
Switch
Open
VOH
Enable
Disable
Input
tPLH
3V
1.5V
0V
Output
VOH
1.5V
VOL
tPHL
tSK(p) =|tPHL –tPLH |
Input
tPLH1
3V
1.5V
0V
Package 1
Output
VOH
1.5V
VOL
tPHL1
tSK(t)
Package 2
Output
VOH
1.5V
VOL
tSK(t)
tPLH2
tPHL2
tSK(t) =|tPLH2 –tPLH1 |or|tPHL2 –tPHL1 |



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com