Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2608011024000 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 2608011024000
Description  MagI3C Power Modules DNS005 MagI3C Multi Color LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

2608011024000 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  2608011024000 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 2608011024000 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Reference Design Note
MagI3C Power Modules
DNS005 MagI3C Multi Color LED Driver
DNS005 V1.0
Alexander Zeller
– June 2019
Page 4/20
Copyright © Würth Elektronik eiSos GmbH & Co. KG
3.1 Dimming with the LED Driver module
The LDHM (172946001) supports fast Pulse-Width Modulation (PWM) dimming of LEDs. An external microcontroller
controls the dimming of the LED driver by supplying the PWM signal to the DIM pin of the LED driver. This signal activates
and deactivates the MOSFET delivering power to the output of the LED driver. In addition, the dim-frequency depends on
the contrast ratio (CR) of the PWM signal. The CR defines the maximum dim-steps.
The PWM dimming is based on the refresh rate of the human eye. Therefore the current through the LED is periodically
interrupted with a frequency of 100 Hz to 1 kHz at the same amplitude. The longer the LED is interrupted, the less bright is
the intensity of the LED for the human eye. Due to the limitations of the human eye, humans will not see the flickering if the
dimming frequency is above 200 Hz. For camera applications, the frequency should be higher than 1 kHz to ensure the
dimming frequency is unobservable.
The advantage of this dimming method is that there are rarely differences in brightness or in color. This is because the
magnitude of the current through the LED is constant during the on time of the dimming cycle. Especially in the lower
percentages of the dimming value, this advantage benefits most.
There are important design considerations which have been taken into account when using this reference design due to
the use of PWM-controlled dimming. The frequency of the PWM signal can cause electromagnetic interference by
resonating with other elements of the system and potentially result in the manifestation of piezoelectric effects in the MLCCs.
Additionally, the PWM signal must have a controllable duty cycle to allow for manipulation of the dimming behavior.
Figure 5: Dimming with the LDHM
16µs
32µs
48µs
fDIM = 250Hz
fDIM = 250Hz
fDIM = 250Hz
Darker LED
Brighter LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com