Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSOT12-HT3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GSOT12-HT3
Description  ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT12-HT3 Datasheet(HTML) 1 Page - Vishay Siliconix

  GSOT12-HT3 Datasheet HTML 1Page - Vishay Siliconix GSOT12-HT3 Datasheet HTML 2Page - Vishay Siliconix GSOT12-HT3 Datasheet HTML 3Page - Vishay Siliconix GSOT12-HT3 Datasheet HTML 4Page - Vishay Siliconix GSOT12-HT3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GSOT03-HT3 to GSOT36-HT3
Document Number 85822
Rev. 1.4, 29-Apr-05
Vishay Semiconductors
www.vishay.com
1
Pin 1
Top view
18083
12
3
ESD Protection Diode
Features
• Transient protection for data lines as per
IEC 61000-4-2 (ESD) 15 kV (air) 8 kV (con-
tact)
IEC 61000-4-5 (Lightning) see IPPM below
• Space saving LLP package
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: LLP75-3B Plastic case
Molding Compound Flammability Rating:
UL 94 V-0
Terminals: High temperature soldering guaranteed:
260 °C/10 sec. at terminals
Weight: approx. 5.2 mg
Parts Table
Absolute Maximum Ratings
Ratings at 25 °C, ambient temperature unless otherwise specified
1) Non-repetitive current pulse and derated above T
A = 25 °C
Thermal Characteristics
Ratings at 25 °C, ambient temperature unless otherwise specified
Part
Ordering code
Marking
Remarks
GSOT03-HT3
GSOT03-HT3-GS08
A3
Tape and Reel
GSOT04-HT3
GSOT04-HT3-GS08
A4
Tape and Reel
GSOT05-HT3
GSOT05-HT3-GS08
A5
Tape and Reel
GSOT08-HT3
GSOT08-HT3-GS08
A6
Tape and Reel
GSOT12-HT3
GSOT12-HT3-GS08
A7
Tape and Reel
GSOT15-HT3
GSOT15-HT3-GS08
A8
Tape and Reel
GSOT24-HT3
GSOT24-HT3-GS08
A9
Tape and Reel
GSOT36-HT3
GSOT36-HT3-GS08
AA
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Peak power dissipation1)
8/20
μs pulse
PPK
300
W
Forward surge current
8.3 ms single half sine-wave
IFSM
7A
Parameter
Test condition
Symbol
Value
Unit
Operation and storage
temperature range
Tstg, TJ
- 55 to + 150
°C
e3


Similar Part No. - GSOT12-HT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSOT12-GS08 VISHAY-GSOT12-GS08 Datasheet
105Kb / 8P
Single-Line ESD-Protection in SOT-23
22-Jul-10
GSOT12-V-G-08 VISHAY-GSOT12-V-G-08 Datasheet
105Kb / 8P
Single-Line ESD-Protection in SOT-23
22-Jul-10
More results

Similar Description - GSOT12-HT3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
ESD Protection Diode
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
ESD Protection diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
ESD Protection Diode
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
ESD Protection Diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
ESD Protection diode
logo
ON Semiconductor
ESD8018 ONSEMI-ESD8018 Datasheet
176Kb / 11P
ESD Protection Diode
July, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com