Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE71K7 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # CE71K7
Description  0.25um CMOS Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CE71K7 Datasheet(HTML) 3 Page - fujitsu semiconductor

  CE71K7 Datasheet HTML 1Page - fujitsu semiconductor CE71K7 Datasheet HTML 2Page - fujitsu semiconductor CE71K7 Datasheet HTML 3Page - fujitsu semiconductor CE71K7 Datasheet HTML 4Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PACKAGE AVAILABILITY
No. of Pins
Frame Size
Thin and Low Profile QFP Packages (0.4, 0.5 mm lead pitch)
100
K1, K2
120
K2, K3
144
K3, K4, K8, T2, T3
176
K4, K5, T3, T4
208
T4, T5, T6, T7, T8, T9
256
T8, T9, TA, TB, TC
Shrink QFP Package (0.5 mm lead pitch)
176
J1, J2, K4, K5
208
J3, J4, J5, K5, K6, K7, K8
240
J4, J5, J6, K6, K7, K8
Heatspreader QFP Package (0.4, 0.5 mm lead pitch)
208
J3, J4, J5, J6, J7, J8, J9, K5, K6, K7, K8
T4, T5, T6, T7, T8, T9
240
J4, J5, J6, J7, J8, J9, JA, K6, K7, K8, T6, T7, T8, T9, TA
256
J5, J6, J7, J8, J9, T7, T8, T9, TA, TB, TC
304
J7, J8, J9, JA, JB, JC, JD, JE, JF, JG, TB, TC, TD, TE, TG
Ball Grid Array (1.27 mm ball pitch)
256
J3, J4, T7, T8, T9, TA, TB
352
J6, J7, J8, TB, TC, TD
420
J8, J9, TD, TE
576
JA, JB
672
JC, JD
Fine-Pitch Ball Grid Array (0.75, 0.8 mm ball pitch)
144
T3
176
T3, T4
224
T5, T6, T7, T8, T9
288
T8, T9, TA, TB, TC
Tab Ball Grid Array (0.8, 1.0 mm ball pitch)
304
L4, L5
352
L5, L6, L7
480
L6, L7
560
L7, L8, LB, LC
660
L8, L9
720
L9, LA, LB, LC, LD, LE
0.25µm CMOS Technology
Fujitsu Microelectronics, Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com