Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2P6M Datasheet(PDF) 2 Page - HAOPIN MICROELECTRONICS CO.,LTD

Part # 2P6M
Description  Blocking voltage to 600 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD

2P6M Datasheet(HTML) 2 Page - HAOPIN MICROELECTRONICS CO.,LTD

  2P6M Datasheet HTML 1Page - HAOPIN MICROELECTRONICS CO.,LTD 2P6M Datasheet HTML 2Page - HAOPIN MICROELECTRONICS CO.,LTD 2P6M Datasheet HTML 3Page - HAOPIN MICROELECTRONICS CO.,LTD 2P6M Datasheet HTML 4Page - HAOPIN MICROELECTRONICS CO.,LTD 2P6M Datasheet HTML 5Page - HAOPIN MICROELECTRONICS CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Limiting values in accordance with the Maximum system(IEC 134)
2/5
http://www.haopin.com
HAOPIN MICROELECTRONICS CO.,LTD.
TM
HPM
SCRs
SYMBOL
PARAMETER
CONDITIONS
MIN
Rating
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
V
DRM
I
T(RMS)
It
2
I
I
I
T(AV)
TSM
FGM
V
RGM
P
GM
T
stg
T
j
P
G(AV)
Repetitive peak-off
Voltage
RMS on-state current
I t for fusing
2
Average On-Current
Surge On-Current
Peak Forward gate current
Peak Reverse Gate Voltage
Peak gate power
Average gate power
Storage junction
Temperature Range
Operating junction
Temperature Range
V
A
V
6
W
W
-
-
-
-
-
-
2.0
20
0.2
A
A
A
-
-
0.5
0.1
-
-55
-40
400
600
2P4M
2P6M
+125
+150
T =25 C unless otherwise stated
J
O
Static characteristics
I
GT
Dynamic Characteristics
I
RRM
Repetitive Peak
Reverse Current
Themnal Resistance
R
th(j-c)
Gate trigger current
V =6V,R =100
R =1 K
DM
L
GK
V
=Rated,Tj=110 C,
RRM
o
Junction to Case
V =V
,T =125 C,R =1K
RM
RRM
j
GK
o
V =6V,R =100
R =1K
DM
L
GK
V =1/2V
,T =125 C,R =1K
DM
DRM
j
GK
o
I=4A,
TM
UNIT
MAX
TYP
200
-
-
I
DRM
Repetitive Peak
Off-State Current
AS
2
2
V
TM
V
GT
Peak On-Stage Voltage
Gate trigger voltage
-
-
-
-
-
100
10
/W
-
0.8
V
-
0.2
-
-
-
2.2
100
V
V
-
-
33
A
A
A
V
GD
Gate Non-Trigger
Voltage
2P4M
2P6M
2P4M
2P6M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com