Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD441DPLR Datasheet(PDF) 6 Page - Texas Instruments

Part # ESD441DPLR
Description  ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD441DPLR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ESD441DPLR Datasheet HTML 2Page - Texas Instruments ESD441DPLR Datasheet HTML 3Page - Texas Instruments ESD441DPLR Datasheet HTML 4Page - Texas Instruments ESD441DPLR Datasheet HTML 5Page - Texas Instruments ESD441DPLR Datasheet HTML 6Page - Texas Instruments ESD441DPLR Datasheet HTML 7Page - Texas Instruments ESD441DPLR Datasheet HTML 8Page - Texas Instruments ESD441DPLR Datasheet HTML 9Page - Texas Instruments ESD441DPLR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6.7 Typical Characteristics
Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
-4
0
4
8
12
16
20
24
28
32
Figure 6-1. Positive TLP Curve
Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-4
0
4
8
12
16
20
24
28
32
Figure 6-2. Negative TLP Curve
Time (ns)
-10
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
175
200
Voltage at 30 ns = 9 V
Figure 6-3. +8-kV Clamped IEC Waveform
Time (ns)
-10
0
10
20
30
40
50
60
70
80
90
100
-200
-175
-150
-125
-100
-75
-50
-25
0
25
Voltage at 30 ns = -3 V
Figure 6-4. -8-kV Clamped IEC Waveform
Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
900
905
910
915
920
925
930
935
940
945
950
Figure 6-5. Bias Voltage vs. Capacitance
Temperature ( C)
-75
-50
-25
0
25
50
75
100
125
150
0.85
0.875
0.9
0.925
0.95
0.975
1
1.025
1.05
1.075
1.1
Figure 6-6. Temperature vs. Capacitance
ESD441
SLVSH26A – APRIL 2023 – REVISED JUNE 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ESD441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com