Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2640R2F Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CC2640R2F
Description  CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2640R2F Datasheet(HTML) 23 Page - Texas Instruments

Back Button CC2640R2F Datasheet HTML 19Page - Texas Instruments CC2640R2F Datasheet HTML 20Page - Texas Instruments CC2640R2F Datasheet HTML 21Page - Texas Instruments CC2640R2F Datasheet HTML 22Page - Texas Instruments CC2640R2F Datasheet HTML 23Page - Texas Instruments CC2640R2F Datasheet HTML 24Page - Texas Instruments CC2640R2F Datasheet HTML 25Page - Texas Instruments CC2640R2F Datasheet HTML 26Page - Texas Instruments CC2640R2F Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
(3)
Measured on the LP-EM-CC1354P10-1 reference design.
8.14 Timing and Switching Characteristics
8.14.1 Reset Timing
PARAMETER
MIN
TYP
MAX
UNIT
RESET_N low duration
1
µs
8.14.2 Wakeup Timing
Measured over operating free-air temperature with VDDS = 3.0 V (unless otherwise noted). The times listed here do not
include software overhead.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MCU, Reset to Active(1)
850 - 4000
µs
MCU, Shutdown to Active(1)
850 - 4000
µs
MCU, Standby to Active
160
µs
MCU, Active to Standby
39
µs
MCU, Idle to Active
15
µs
(1)
The wakeup time is dependent on remaining charge on VDDR capacitor when starting the device, and thus how long the device has
been in Reset or Shutdown before starting up again. The wake up time increases with a higher capacitor value.
www.ti.com
CC2674P10
SWRS269A – DECEMBER 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: CC2674P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com