Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLV98CE Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLV98CE
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV98CE Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLV98CE Datasheet HTML 3Page - NXP Semiconductors BLV98CE Datasheet HTML 4Page - NXP Semiconductors BLV98CE Datasheet HTML 5Page - NXP Semiconductors BLV98CE Datasheet HTML 6Page - NXP Semiconductors BLV98CE Datasheet HTML 7Page - NXP Semiconductors BLV98CE Datasheet HTML 8Page - NXP Semiconductors BLV98CE Datasheet HTML 9Page - NXP Semiconductors BLV98CE Datasheet HTML 10Page - NXP Semiconductors BLV98CE Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
March 1993
8
Philips Semiconductors
Product specification
UHF power transistor
BLV98CE
Fig.9 Printed circuit board and component layout for 960 MHz test circuit.
handbook, full pagewidth
122 mm
M3
M2
C7
L6
C6
R1
C9
C10
C3
C3
C16
C17
C15
L1
C1
L2
L3
L8
R2
C8
L7
L5
C4
C5
C12 C13
C11
L10
L4
L9
L12
L11
L13
rivets
rivets
rivets
copper straps
copper straps
copper straps
copper straps
rivets
70 mm
MDA456
rivets
rivets
The circuit and components are located on one side of the PTFE fibre-glass board, the other
side being fully metallized, to serve as an earth. Earth connections are made by fixing screws,
hollow rivets and copper straps around the board and under the emitters, to provide a direct
contact between the component side and the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com