Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMS7204100P Datasheet(PDF) 23 Page - Winbond

Part # WMS7204100P
Description  256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7204100P Datasheet(HTML) 23 Page - Winbond

Back Button WMS7204100P Datasheet HTML 19Page - Winbond WMS7204100P Datasheet HTML 20Page - Winbond WMS7204100P Datasheet HTML 21Page - Winbond WMS7204100P Datasheet HTML 22Page - Winbond WMS7204100P Datasheet HTML 23Page - Winbond WMS7204100P Datasheet HTML 24Page - Winbond WMS7204100P Datasheet HTML 25Page - Winbond WMS7204100P Datasheet HTML 26Page - Winbond WMS7204100P Datasheet HTML 27Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
WMS7201
Publication Release Date: January 2003
- 23 -
Revision 1.1
FIGURE 10 – WMS7201 TRIMMING VOLTAGE REFERENCE
FIGURE 11 – WMS7201 RF AMP CONTROL
VREFH
WMS7201
V+
GND
VREF = 5.0v
I = 32mA
FILTER
L1
CHOKE
WMS7201 WINPOT
1
2
3
4
7
6
5
8
CS
CLK
SDI
VSS
VA1
VW1
VB1
VDD
RF Input
RF OUT
VDD
Q1
RF POWER AMP
C1
0.1uF
C2
CS\
SDI
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com