Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM82913 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPSM82913
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82913 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPSM82913 Datasheet HTML 14Page - Texas Instruments TPSM82913 Datasheet HTML 15Page - Texas Instruments TPSM82913 Datasheet HTML 16Page - Texas Instruments TPSM82913 Datasheet HTML 17Page - Texas Instruments TPSM82913 Datasheet HTML 18Page - Texas Instruments TPSM82913 Datasheet HTML 19Page - Texas Instruments TPSM82913 Datasheet HTML 20Page - Texas Instruments TPSM82913 Datasheet HTML 21Page - Texas Instruments TPSM82913 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
7.3.7 Power-Good Output
The device has a power-good output. The PG pin goes high impedance once the FB pin voltage is above 95%
of the nominal voltage, and is driven low after the voltage falls below typically 90% of the nominal voltage. Table
7-2 shows the typical PG pin logic. The PG pin is an open-drain output and is specified to sink up to 10 mA. The
power-good output requires a pullup resistor connecting to any voltage rail less than 18 V. The PG signal can be
used for sequencing of multiple rails by connecting to the EN pin of other converters. If not used, the PG pin can
be left floating or connected to GND. PG has a deglitch time of typically 8 μs before going low.
Table 7-2. Power Good Pin Logic
DEVICE STATE
PG LOGIC STATUS
HIGH IMPEDANCE
LOW
Enabled (EN/SYNC = High)
VFB ≥ VPG
√
VFB < VPG after tPG
√
Shutdown (EN/SYNC = Low)
√
UVLO
0.7 V < VIN < VUVLO
√
Thermal Shutdown
TJ > TJSD
√
Power Supply Removal
VIN < 0.7 V
√
7.3.8 Noise Reduction and Soft-Start Capacitor (NR/SS)
A capacitor connected to this pin reduces the low frequency noise of the converter and sets the soft-start time.
The larger the capacitor, the lower the noise and the longer the start-up time of the converter. The module has
an internal 220-nF capacitor connected to the NR/SS pin. If no external capacitor is connected to the NR/SS
pin, the default start-up time is 2.35 ms, although longer start-up times and additional noise reduction can be
achieved with additional capacitance connected to the NR/SS pin. The maximum NR/SS cap is 3.3 µF for a
start-up time of 35 ms.During soft start with a light load, the device skips switching pulses as needed to not
discharge the output voltage. The device can start into a pre-biased output voltage.
The device achieves low noise by adding an R-C filter to the reference voltage, as shown in Functional Block
Diagram. During start-up, the NR/SS capacitor is charged with a constant current of 75 µA (typical) to 0.8 V.
Larger NR/SS capacitors provide for lower low frequency noise, as shown in Figure 6-29.
7.3.9 Current Limit and Short-Circuit Protection
The device is protected against short circuits and overcurrent. The switch current limit prevents the device from
high inductor current and from drawing excessive current from the input voltage rail. Excessive current can occur
with a shorted, saturated inductor or a heavy load, shorted output circuit condition. If the inductor current reaches
the threshold ISWpeak, the high-side MOSFET is turned off and the low-side MOSFET is turned on to ramp down
the inductor current. The high-side MOSFET is turned on again only when the low-side current is below the
low-side sourcing current limit ISWvalley.
Due to internal propagation delay, the actual current can exceed the static current limit, especially if the input
voltage is high and very small inductances are used. The dynamic current limit is calculated as follows:
(
)
L
peak typ
SWpeak
PD
V
I
I
t
L
§
·
u
¨
¸
©
¹
(1)
where
• ISWpeak is the static current limit, specified in Electrical Characteristics
• L is the inductance (2.2 μH for the TPSM8291x)
• VL is the voltage across the inductor (VIN – VOUT)
• tPD is the internal propagation delay, typically 50 ns
The low-side MOSFET also contains a negative current limit to prevent excessive current from flowing back
through the inductor to the input. This can happen during light load conditions or a pre-biased output condition.
TPSM82913, TPSM82913E
SLVSGJ4B – OCTOBER 2022 – REVISED MAY 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPSM82913 TPSM82913E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com