Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMS7204100P Datasheet(PDF) 17 Page - Winbond

Part # WMS7204100P
Description  256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7204100P Datasheet(HTML) 17 Page - Winbond

Back Button WMS7204100P Datasheet HTML 13Page - Winbond WMS7204100P Datasheet HTML 14Page - Winbond WMS7204100P Datasheet HTML 15Page - Winbond WMS7204100P Datasheet HTML 16Page - Winbond WMS7204100P Datasheet HTML 17Page - Winbond WMS7204100P Datasheet HTML 18Page - Winbond WMS7204100P Datasheet HTML 19Page - Winbond WMS7204100P Datasheet HTML 20Page - Winbond WMS7204100P Datasheet HTML 21Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
WMS7204
Publication Release Date: January 2003
- 17 -
Revision 1.0
7.8.5 Reading Tap Registers and NVMEM Locations
The contents of the tap register for any channel or any NVMEM location can be read back through the
SDO pin. When a command is sent, the data is clocked out on the falling edge of the clock. Since
daisy-chain operation requires data from one command to be clocked out when the next command
arrives, any read command must be followed by another command to get the correct data on the SDO
pin.
TABLE 9 – READING THE TAP REGISTERS
Inst.
No.
Command
Name:
Command Byte
Data Byte 1
Data Byte 2
Comment
4
Read
NVMEM
1 0 1 0 A3 A2 A1 A0
x x x x x x x x
x x x x x x x x
Read the
value of the
selected
NVMEM
location
2
Read Tap
Register
1 1 0 0 x x A1 A0
x x x x x x x x
x x x x x x x x
Read the
value of the
selected
tap register
1
NOP to
Read
Register
0 0 0 0 x x x x
x x x x x x x D8
D7 D6 D5 D4 D3 D2 D1 D0
Output data
to SDO pin
To read the contents of either the tap register or a NVMEM location, the following sequence must be
followed.
1. Send the desired read command (#2 or #4) to select the register to read
2. Send another command such as NOP and read the SDO pin on the falling edge of the clock.
The other command could be any command, but to make sure that the chip does not change
anything, send either another Read command or a NOP command (#1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com