Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLW60C Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BLW60C
Description  VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW60C Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BLW60C Datasheet HTML 7Page - NXP Semiconductors BLW60C Datasheet HTML 8Page - NXP Semiconductors BLW60C Datasheet HTML 9Page - NXP Semiconductors BLW60C Datasheet HTML 10Page - NXP Semiconductors BLW60C Datasheet HTML 11Page - NXP Semiconductors BLW60C Datasheet HTML 12Page - NXP Semiconductors BLW60C Datasheet HTML 13Page - NXP Semiconductors BLW60C Datasheet HTML 14Page - NXP Semiconductors BLW60C Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
March 1993
13
Philips Semiconductors
Product specification
VHF power transistor
BLW60C
Fig.20
handbook, halfpage
30
10
MGP497
110
102
Gp
(dB)
20
f (MHz)
Fig.21
handbook, halfpage
10
0
MGP498
110
102
2.5
5
7.5
5
−5
−2.5
0
2.5
ri
(
Ω)
xi
(
Ω)
f (MHz)
ri
xi
input impedance (series components)
versus frequency
S.S.B. class-AB operation
Conditions for Figs 20 and 21:
VCC = 12,5 V
VCC = 13,5 V
PL = 30 W (P.E.P.)
PL = 35 W (P.E.P.)
Th =25 °CTh =25 °C
Rth mb-h ≤ 0,45 K/W
Rth mb-h ≤ 0,45 K/W
IC(ZS) =25mA
IC(ZS) =25mA
ZL = 1,9 Ω
ZL = 1,9 Ω
The typical curves (both conditions) hold for an unneutralized amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com