Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA58631 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA58631
Description  3 W BTL audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58631 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA58631 Datasheet HTML 4Page - NXP Semiconductors SA58631 Datasheet HTML 5Page - NXP Semiconductors SA58631 Datasheet HTML 6Page - NXP Semiconductors SA58631 Datasheet HTML 7Page - NXP Semiconductors SA58631 Datasheet HTML 8Page - NXP Semiconductors SA58631 Datasheet HTML 9Page - NXP Semiconductors SA58631 Datasheet HTML 10Page - NXP Semiconductors SA58631 Datasheet HTML 11Page - NXP Semiconductors SA58631 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SA58631
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 1 December 2005
8 of 19
Philips Semiconductors
SA58631
3 W BTL audio amplifier
Fig 6.
VMODE versus VCC
Fig 7.
Iq versus VCC
VCC =5V, RL =8 Ω; Rs =0 Ω; VI = 100 mV.
(1) Gv =30dB
(2) Gv =20dB
(3) Gv =6dB
Band-pass = 22 Hz to 22 kHz.
(1) VCC =3V
(2) VCC =5V
(3) VCC =12V
Fig 8.
SVRR versus frequency
Fig 9.
Vo versus VMODE
0
12
8
4
16
VMODE
(V)
VCC (V)
016
12
48
002aac042
mute
operating
standby
5
10
15
Iq
(mA)
0
VCC (V)
020
16
812
4
002aac043
002aac044
f (Hz)
10
105
104
102
103
−60
−40
−20
SVRR
(dB)
−80
(1)
(2)
(3)
VMODE (V)
10−1
102
10
1
002aac045
(1)
(2) (3)
10−6
10−5
10−4
10−3
10−2
10−1
1
10
Vo
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com