Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE206 Datasheet(PDF) 10 Page - Analog Devices

Part # ADATE206
Description  500 MHz Dual DCL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE206 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADATE206 Datasheet HTML 6Page - Analog Devices ADATE206 Datasheet HTML 7Page - Analog Devices ADATE206 Datasheet HTML 8Page - Analog Devices ADATE206 Datasheet HTML 9Page - Analog Devices ADATE206 Datasheet HTML 10Page - Analog Devices ADATE206 Datasheet HTML 11Page - Analog Devices ADATE206 Datasheet HTML 12Page - Analog Devices ADATE206 Datasheet HTML 13Page - Analog Devices ADATE206 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADATE206
Rev. 0 | Page 10 of 16
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCOM_1
Commutation Reference Voltage.
2
GNDREF_1
Reference GND for VIOL, VIOH.
3
VIOH_1
Program Voltage for IOH (Sink).
4
VIOL_1
Program Voltage for IOL (Source).
5, 12, 20, 21, 36,
40, 55, 56, 64, 71,
76, 79, 83, 93, 97,
100
GND
Device Ground.
6
D_INV_1
Driver Invert.
7
VIT_1
Driver Term Voltage Reference.
8
VIL_1
Driver Low Voltage Reference.
9
VIH_1
Driver High Voltage Reference.
10
CLAMPL_1
Low Clamp.
11
CLAMPH_1
High Clamp.
13
CLLM_1
Comparator Low Leakage Mode.
14
LDEN_1
Determines Whether LD Responds to DR_EN_1 or is Disabled (see Table 4).
15
VTEN_1
Low Speed Control Signal. When high, DR_EN_1 forces driver output to VIT. Otherwise, DR_EN_1
forces driver to high impedance (see Table 4).
16, 17, 33, 43, 59,
60, 84, 87, 92
VEE
Negative Power Supply.
18 19, 57, 58, 77,
78, 89, 98, 99
VCC
Positive Power Supply.
22
DR_DATA_P_1
High Speed Data Inputs. Sets high/low state of driver output (see Table 4).
23
DR_DATA_P_T_1
Termination Resistor for HS Inputs. Opposite end of each 50 Ω termination resistor goes to the
appropriate signal.
24
DR_DATA_N_T_1
Termination Resistors for HS Inputs. Opposite end of each 50 Ω termination resistor goes to the
appropriate signal.
25
DR_DATA_N_1
Complement of DR_DATA_P_1.
26
DR_EN_P_1
High Speed Enable Inputs. Multifunction depending on status of VTEN_1 and LDEN_1. Causes driver
to enter/leave inhibit; driver to enter/leave termination mode; load to leave/enter inhibit
(see Table 4).
27
DR_EN_P_T_1
Termination Resistor for HS Inputs. Opposite end of each 50 Ω termination resistor goes to the
appropriate signal.
28
DR_EN_N_T_1
Termination Resistor for HS Inputs. Opposite end of each 50 Ω termination resistor goes to the
appropriate signal.
29
DR_EN_N_1
Complement of DR_EN_P_1.
30, 46
NC
No Connect.
31
COMP_H_P_1
High Comparator Output.
32
COMP_H_N_1
Complement of COMP_H_P_1.
34
COMP_L_P_1
Low Comparator Output.
35
COMP_L_N_1
Complement of COMP_L_P_1.
37, 39
SLEW1, SLEW0
Logic Signals Controlling Driver Slew Rates for Both Drivers. 00 codes for maximum slew voltage; 11
codes for minimum slew voltage.
38
CMOS_VDD
CMOS Supply (Internal ÷ 2 = Single-Ended Logic Reference).
41
COMP_L_N_2
Complement of COMP_L_P_1.
42
COMP_L_P_2
Low Comparator Output.
44
COMP_H_N_2
Complement of COMP_H_P_1.
45
COMP_H_P_2
High Comparator Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com