Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3407G Datasheet(PDF) 39 Page - Micronas

Part # MSP3407G
Description  Multistandard Sound Processor Family
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3407G Datasheet(HTML) 39 Page - Micronas

Back Button MSP3407G Datasheet HTML 35Page - Micronas MSP3407G Datasheet HTML 36Page - Micronas MSP3407G Datasheet HTML 37Page - Micronas MSP3407G Datasheet HTML 38Page - Micronas MSP3407G Datasheet HTML 39Page - Micronas MSP3407G Datasheet HTML 40Page - Micronas MSP3407G Datasheet HTML 41Page - Micronas MSP3407G Datasheet HTML 42Page - Micronas MSP3407G Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
PRELIMINARY DATA SHEET
MSP 34x7G
Micronas
39
4.5. Pin Circuits
Fig. 4–5: Input Pin: RESETQ
Fig. 4–6: Input Pin TESTEN
Fig. 4–7: Input Pin: MONO_IN
Fig. 4–8: Input Pins: SC1_IN_L/R
Fig. 4–9: Input Pin: STANDBYQ
Fig. 4–10: Input Pins:
VREFTOP, ANA_IN1+, ANA_IN
−
Fig. 4–11: Input Pin: ADR_SEL
DVSS
>300 k
AVSUP
200 k
≈ 3.75 V
24 k
≈ 3.75 V
40 k
D
A
ANA_IN1+
VREFTOP
ANA_IN1
−
ADR_SEL
GND
DVSUP
23 k
23 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com