Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z25F Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # Z25F
Description  2,500 V - 10,000 V Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

Z25F Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  Z25F Datasheet HTML 1Page - Voltage Multipliers Inc. Z25F Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
126
0
50
100
150
200
250
300
350
400
450
25
50
75
100
125
150
Temperature (C)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0
2040
6080
100
Reverse Bias Voltage (V)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
0.0
1.0
2.0
3.0
4.0
5.0
Forward Current (A)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0.0
2.0
4.0
6.0
8.0
10.0
Forward Current (A)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
0
25
50
75
100
125
150
175
Lead Temperature (C)
1
10
100
1000
25
50
75
100
125
150
Temperature (C)
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
POWER DERATING
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
Z25F Z50F Z100F
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
Z100F
Z50F
Z25F
Z100F
Z25F
Z50F
Lead Temperature (°C)
Temperature (°C)
Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com