Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG9910 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SCG9910
Description  8-BIT MICROCONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCG9910 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SCG9910 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCG9910 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCG9910 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCG9910 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCG9910 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCG9910 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCG9910 Datasheet HTML 7Page - List of Unclassifed Manufacturers SCG9910 Datasheet HTML 8Page - List of Unclassifed Manufacturers SCG9910 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SCG9910
8-BIT MICROCONTROLLER
Score Concept Semiconductor Ltd.
3
Sept 2000
CPU core
An 8-bit accumulator based CPU core can directly address up to 64 x 16K byte addressing
space. Most of the instructions are executed in two cycles. Instruction is generally one byte and
will have an extra byte for some addressing modes.
CPU Registers:
Program Counter (PC)
The 14-bit Program Counter stores address for instruction fetch during program
execution. It makes up a page size of 16K bytes. Together with the Program Page
Register (iPAGE), it becomes a 20-bit address that can access up to 1,048,576 bytes.
When the CPU resets, the content of the iPAGE:PC will be 00:0000. If interrupt occurs,
the type of interrupt will then determine its content. PC will automatically be incremented
to the next instruction after an instruction fetch.
Table 1. Different types of interrupt
Interrupt
IPAGE:PC
Timer 0 / RTC Interrupt
3H:3FF0H
Timer 1 Interrupt
3H:3FE0H
External Interrupt
3H:3FD0H
Software Interrupt
3H:3FC0H
Page Register (PAGE)
An 8-bit Page Register to change the program flow. The most significant two bits are
always set to zero.
Data Bank Register (BANK)
An 8-bit Bank Register to access data memory. The most significant two bits are always
set to zero.
Program Page Register (iPAGE)
An 8-bit Program Page Register is combined with PC for instruction fetch. The most
significant two bits are always set to zero.
Accumulator (A)
An 8-bit Accumulator for arithmetic, logical and data movement operation.
Temporary Register (B)
An 8-bit temporarily storage for accumulator.
Index Registers (X, Y)
These two 8-bit registers can be used for general registers and index registers of the
indirect addressing mode. They can also be used as pointer for table read and memory
write instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com