Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3107D2PAPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3107D2PAPR
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3107D2PAPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA3107D2PAPR Datasheet HTML 9Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 10Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 11Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 12Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 13Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 14Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 15Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 16Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.ti.com
APPLICATION INFORMATION
10V-26V
220nF
220nF
220nF
220nF
10V-26V
10V-26V
10 F
m
33 H
m
33 H
m
0.47 F
m
1 F
m
1 F
m
1 F
m
1 F
m
1 F
m
220 F
m
1 F
m
1 F
m
1 F
m
220 F
m
1 F
m
100kW
0.1 F
m
0.1 F
m
Single-Ended
Analog
Inputs
4-Step
GainControl
SynchronizeMultiple
Class-DDevices
33 H
m
33 H
m
0.47 F
m
0.1 F
m
8 W
8 W
0.1 F
m
PVCCR
PVCCR
PGNDR
VCLAMPR
VCLAMPL
PGNDL
PVCCL
PVCCL
NC
NC
RINN
RINP
AGND
LINP
LINN
GAIN1
MSTR/SLV
NC
NC
PGNDR
NC
GAIN0
TPA3107D2
NC
PGNDL
NC
NC
NC
NC
NC
NC
NC
NC
TPA3107D2
SLOS509A – OCTOBER 2006 – REVISED NOVEMBER 2006
Figure 19. TPA3107D2 Application Circuit With Single-Ended Inputs
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com