Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25FG Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # M25FG
Description  2,500 V - 16,000 V Rectifiers 10 mA - 100 mA Forward Current 200 ns Recovery Time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

M25FG Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  M25FG Datasheet HTML 1Page - Voltage Multipliers Inc. M25FG Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
0
25
50
75
100
125
150
175
200
225
25
50
75
100
125
150
Temperature (C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
020
40
60
80
100
Reverse Bias Voltage (V)
0
1
2
3
4
0
25
50
75
100
125
150
175
Lead Temperature (C)
L=0.000"
L=0.100"
L=0.200"
L=0.300"
L=0.400"
L=0.500"
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
Forward Current (A)
0.1
1.0
10.0
100.0
1000.0
25
50
75
100
125
150
Temperature (C)
0
2
4
6
8
10
12
14
16
0.0
0.5
1.0
1.5
2.0
Forward Current (A)
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
POWER DERATING
M25FG M50FG M100FG M160FG
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
M50FG
M25FG
M160FG
M100FG
M160FG
M100FG
M25FG
M50FG
Lead Temperature (°C)
Temperature (°C)
Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com