Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7752B Datasheet(PDF) 18 Page - Analog Devices

Part # ADE7752B
Description  Polyphase Energy Metering IC with Pulsed Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752B Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE7752B Datasheet HTML 14Page - Analog Devices ADE7752B Datasheet HTML 15Page - Analog Devices ADE7752B Datasheet HTML 16Page - Analog Devices ADE7752B Datasheet HTML 17Page - Analog Devices ADE7752B Datasheet HTML 18Page - Analog Devices ADE7752B Datasheet HTML 19Page - Analog Devices ADE7752B Datasheet HTML 20Page - Analog Devices ADE7752B Datasheet HTML 21Page - Analog Devices ADE7752B Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
ADE7752B
Preliminary Technical Data
Rev. PrA | Page 18 of 27
POWER SUPPLY MONITOR
The ADE7752B contains an on-chip power supply monitor. The
power supply (VDD) is monitored continuously by the ADE7752B.
At power up, when the supply is less than 4V ±2% and VREF is less
than 1.9 V (typ), the outputs of the ADE7752B are inactive and
the data path is held in reset. Once VDD is greater than 4V ±2%
and VREF is greater than 1.9 V (typ), the chip is active and energy
accumulation begins. At power-down, when VDD falls below 4 V
or VREF falls below 1.9 V (typ), the data path is again held in reset.
This implementation ensures correct device operation at power-
up and at power-down. The power supply monitor has built-in
hysteresis and filtering. This gives a high degree of immunity to
false triggering due to noisy supplies.
The power supply and decoupling for the part should be such
that the ripple at VDD does not exceed ±5% as specified for
normal operation.
VDD
VREF
5V
4V
0V
INTERNAL
RESET
ACTIVE
INACTIVE
2.4V
1.9V
INACTIVE
Figure 23. On-Chip Power Supply Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com