Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7768 Datasheet(PDF) 11 Page - Analog Devices

Part # ADE7768
Description  Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7768 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADE7768 Datasheet HTML 7Page - Analog Devices ADE7768 Datasheet HTML 8Page - Analog Devices ADE7768 Datasheet HTML 9Page - Analog Devices ADE7768 Datasheet HTML 10Page - Analog Devices ADE7768 Datasheet HTML 11Page - Analog Devices ADE7768 Datasheet HTML 12Page - Analog Devices ADE7768 Datasheet HTML 13Page - Analog Devices ADE7768 Datasheet HTML 14Page - Analog Devices ADE7768 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADE7768
Rev. A | Page 11 of 20
Nonsinusoidal Voltage and Current
The real power calculation method also holds true for non-
sinusoidal current and voltage waveforms. All voltage and
current waveforms in practical applications have some
harmonic content. Using the Fourier transform, instantaneous
voltage and current waveforms can be expressed in terms of
their harmonic content.
(
h
0
h
h
0
α
t
V
V
t
v
+
×
×
+
=
sin
2
)
(
)
(2)
where:
v(t)
is the instantaneous voltage.
V0
is the average value.
Vh
is the rms value of voltage harmonic h.
i
s the phase angle of the voltage harmonic.
h
α
(
+
×
×
+
=
o
h
h
h
O
β
t
h
I
I
t
i
ω
sin
2
)
(
)
(3)
where:
i(t)
is the instantaneous current.
I0
is the dc component.
Ih
is the rms value of current harmonic h.
is the phase angle of the current harmonic.
h
β
Using Equations 2 and 3, the real power (P) can be expressed in
terms of its fundamental real power (P1) and harmonic real
power (PH) as P = P1 + PH
where:
(4)
1
cos
φ
1
1
1
I
V
P
×
=
1
1
1
β
α
φ
=
and
(5)
h
h
1
h
h
H
I
V
P
φ
cos
×
=
h
h
h
β
α
φ
=
In Equation 5, a harmonic real power component is generated
for every harmonic, provided that harmonic is present in both
the voltage and current waveforms. The power factor calcul-
ation has previously been shown to be accurate in a pure
sinusoid. Therefore, the harmonic real power must also
correctly account for the power factor, because it is made up
of a series of pure sinusoids.
Note that the input bandwidth of the analog inputs is 7 kHz at
the nominal internal oscillator frequency of 450 kHz.
ANALOG INPUTS
Channel V1 (Current Channel)
The voltage output from the current sensor is connected to the
ADE7768 here. Channel V1 is a fully differential voltage input.
V1P is the positive input with respect to V1N.
The maximum peak differential signal on Channel V1 should
be less than ±30 mV (21 mV rms for a pure sinusoidal signal)
for specified operation.
+30mV
–30mV
VCM
V1
DIFFERENTIAL INPUT
±30mV MAX PEAK
COMMON-MODE
±6.25mV MAX
V1P
V1N
V1
VCM
AGND
Figure 18. Maximum Signal Levels, Channel V1
Figure 18 shows the maximum signal levels on V1P and V1N.
The maximum differential voltage is ±30 mV. The differential
voltage signal on the inputs must be referenced to a common
mode, such as AGND. The maximum common-mode signal is
±6.25 mV.
Channel V2 (Voltage Channel)
The output of the line voltage sensor is connected to the device
at this analog input. Channel V2 is a fully differential voltage
input with a maximum peak differential signal of ±165 mV.
Figure 19 shows the maximum signal levels that can be
connected to the ADE7768 Channel V2.
+165mV
–165mV
VCM
V2
DIFFERENTIAL INPUT
±165mV MAX PEAK
COMMON-MODE
±25mV MAX
V2P
V2N
V2
VCM
AGND
Figure 19. Maximum Signal Levels, Channel V2
Channel V2 is usually driven from a common-mode voltage,
that is, the differential voltage signal on the input is referenced
to a common mode (usually AGND). The analog inputs of the
ADE7768 can be driven with common-mode voltages of up to
25 mV with respect to AGND. However, best results are
achieved using a common mode equal to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com