Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG787 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG787
Description  2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG787 Datasheet(HTML) 1 Page - Analog Devices

  ADG787 Datasheet HTML 1Page - Analog Devices ADG787 Datasheet HTML 2Page - Analog Devices ADG787 Datasheet HTML 3Page - Analog Devices ADG787 Datasheet HTML 4Page - Analog Devices ADG787 Datasheet HTML 5Page - Analog Devices ADG787 Datasheet HTML 6Page - Analog Devices ADG787 Datasheet HTML 7Page - Analog Devices ADG787 Datasheet HTML 8Page - Analog Devices ADG787 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2.5 Ω CMOS Low Power
Dual 2:1 Mux/Demux USB 1.1 Switch
ADG787
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
USB 1.1 signal switching compliant
−3 dB bandwidth, 150 MHz
Tiny 10-lead LFCSP and MSOP packages, 10-ball WLCSP
package
Single-supply 1.8 V to 5.5 V operation
Low on resistance
2.5 Ω typical
3.45 Ω maximum at 85°C
Typical power consumption: <0.1 μW
APPLICATIONS
USB 1.1 signal switching circuits
Cellular phones
PDAs
MP3 players
Battery-powered systems
Headphone switching
Audio and video signal routing
Communications systems
FUNCTIONAL BLOCK DIAGRAM
SWITCHES SHOWN
FOR A LOGIC 0 INPUT
ADG787
S1A
S1B
D1
IN1
S2A
S2B
D2
IN2
Figure 1.
GENERAL DESCRIPTION
The ADG787 is a low voltage, CMOS device that contains two
independently selectable single-pole, double-throw (SPDT)
switches. It is designed as a general analog-to-digital switch and
can also be used for routing USB 1.1 signals.
This device offers low on resistance of typically 2.5 Ω, making
the part an attractive solution for applications that require low
distortion through the switch.
The ADG787 comes in a 10-ball WLCSP, a tiny 10-lead LFCSP,
and a tiny 10-lead MSOP. These packages make the ADG787
the ideal solution for space-constrained applications.
Each switch conducts equally well in both directions when on
and has an input signal range that extends to the supplies. The
ADG787 exhibits break-before-make switching action.
1
20.0ns/DIV
VIN = 3V p-p
TA = 25°C
MASK: FS (12Mbps)
Figure 2. Eye Pattern; 12 Mbps, VDD = 4.2 V, PRBS 31


Similar Part No. - ADG787

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG787 AD-ADG787 Datasheet
395Kb / 6P
Tape and Reel Packaging
ADG787 AD-ADG787 Datasheet
395Kb / 6P
Tape and Reel Packaging
logo
Cirrus Logic
ADG787 CIRRUS-ADG787 Datasheet
339Kb / 10P
Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
REV1 AUG 2007
logo
Analog Devices
ADG787BRMZ AD-ADG787BRMZ Datasheet
760Kb / 16P
Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. A
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
More results

Similar Description - ADG787

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
logo
Analog Devices
ADG772 AD-ADG772 Datasheet
408Kb / 12P
CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
8/07-Revision 0
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI2USB4122 PERICOM-PI2USB4122 Datasheet
1Mb / 6P
USB 3.0, 4:1 Mux/DeMux Switch
PI3USB302-A PERICOM-PI3USB302-A Datasheet
1,002Kb / 9P
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
PI5A3158B PERICOM-PI5A3158B Datasheet
367Kb / 8P
Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI2USB3212 PERICOM-PI2USB3212_14 Datasheet
894Kb / 8P
5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com