Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG799ABCPZ-500RL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG799ABCPZ-500RL7
Description  IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG799ABCPZ-500RL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG799ABCPZ-500RL7 Datasheet HTML 4Page - Analog Devices ADG799ABCPZ-500RL7 Datasheet HTML 5Page - Analog Devices ADG799ABCPZ-500RL7 Datasheet HTML 6Page - Analog Devices ADG799ABCPZ-500RL7 Datasheet HTML 7Page - Analog Devices ADG799ABCPZ-500RL7 Datasheet HTML 8Page - Analog Devices ADG799ABCPZ-500RL7 Datasheet HTML 9Page - Analog Devices ADG799ABCPZ-500RL7 Datasheet HTML 10Page - Analog Devices ADG799ABCPZ-500RL7 Datasheet HTML 11Page - Analog Devices ADG799ABCPZ-500RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADG799A/ADG799G
Rev. 0 | Page 8 of 24
Parameter1
Conditions
Min
Max
Unit
Description
t11A
Standard mode
1000
ns
tRCL1, rise time of SCL signal after a repeated start condition and after
Fast mode
20 + 0.1 CB
B
300
ns
an acknowledge bit.
High speed mode
CB = 100 pF max
10
80
ns
CB = 400 pF max
20
160
ns
t12
Standard mode
300
ns
tFCL, fall time of SCL signal
Fast mode
20 + 0.1 CB
B
300
ns
High speed mode
CB = 100 pF max
10
40
ns
CB = 400 pF max
20
80
ns
tSP
Fast mode
0
50
ns
Pulse width of suppressed spike
High speed mode
0
10
ns
1 Guaranteed by initial characterization. CB refers to capacitive load on the bus line, tr and tf measured between 0.3 VDD and 0.7 VDD.
2 A device must provide a data hold time for SDA in order to bridge the undefined region of the SCL falling edge.
Timing Diagram
SCL
SDA
PS
S
P
t8
t6
t5
t3
t10
t9
t4
t6
t1
t7
t2
t11
t12
Figure 2. Timing Diagram for 2-Wire Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com