Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG2188 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG2188
Description  IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG2188 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG2188 Datasheet HTML 5Page - Analog Devices ADG2188 Datasheet HTML 6Page - Analog Devices ADG2188 Datasheet HTML 7Page - Analog Devices ADG2188 Datasheet HTML 8Page - Analog Devices ADG2188 Datasheet HTML 9Page - Analog Devices ADG2188 Datasheet HTML 10Page - Analog Devices ADG2188 Datasheet HTML 11Page - Analog Devices ADG2188 Datasheet HTML 12Page - Analog Devices ADG2188 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADG2188
Rev. 0 | Page 9 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VDD to VSS
15 V
VDD to GND
−0.3 V to +15 V
VSS to GND
+0.3 V to −7 V
VL to GND
−0.3 V to +7 V
Analog Inputs
VSS − 0.3 V to VDD + 0.3 V
Digital Inputs
−0.3 V to VL + 0.3 V or 30 mA,
whichever occurs first
Continuous Current
10 V on Input; Single Input
Connected to Single Output
65 mA
1 V on Input; Single Input
Connected to Single Output
90 mA
10 V on Input; Eight Inputs
Connected to Eight Outputs
25 mA
Operating Temperature Range
Industrial (B Version)
–40°C to +85°C
Automotive (Y Version)
–40°C to +125°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
32-Lead LFCSP_VQ
θJA Thermal Impedance
108.2°C/W
Reflow Soldering (Pb Free)
Peak Temperature
260°C (+0/–5)
Time at Peak Temperature
10 sec to 40 sec
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com