Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS2001 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS2001
Description  1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2001 Datasheet(HTML) 4 Page - ON Semiconductor

  CS2001 Datasheet HTML 1Page - ON Semiconductor CS2001 Datasheet HTML 2Page - ON Semiconductor CS2001 Datasheet HTML 3Page - ON Semiconductor CS2001 Datasheet HTML 4Page - ON Semiconductor CS2001 Datasheet HTML 5Page - ON Semiconductor CS2001 Datasheet HTML 6Page - ON Semiconductor CS2001 Datasheet HTML 7Page - ON Semiconductor CS2001 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CS2001
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (8.0 V
≤ VBAT ≤ 16 V, 8.0 V ≤ VER ≤ 25 V, 1.0 mA ≤ IV(OUT) ≤ 100 mA,
TTEST = –40°C to 125°C; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
RESETB OUTPUT
VBAT = 0 V
High Threshold
VOUT Increasing
4.525
4.75
4.85
V
Low Threshold
VOUT Decreasing
4.5
4.65
4.825
V
Hysteresis
25
100
200
mV
Output Low Voltage
VOUT = 1.0 V, IRESETB = 100 µA
IRESETB = 1.0 mA, VOUT = 4.5 V
0.5
0.5
V
V
Pull–Up Resistor
RESETB = 1.0 V
25
50
100
k
SWSD Input
VBAT = 16 V, VER = 25 V, IV(OUT) = –1.0 mA
High Threshold
0.7
× VOUT
V
Low Threshold
0.3
× VOUT
V
Input Impedance
Referenced to Ground
10
20
40
k
NERD OUTPUT
VBAT = 16 V, IV(OUT) = –1.0 mA, CNERD = 0.47 mF
VER Detection Voltage
1.5
6.5
V
Output Low Voltage
INERD = 1.0 mA, VOUT = 4.5 V
0.5
V
Pull–Up Current
NERD = 0.5 V
30
40
50
µA
Power On Delay
6.25
8.5
11
ms
Clamping Voltage (Low)
VER Present
1.0
1.25
1.5
V
Clamping Voltage (High)
VER Not Present
3.5
3.75
4.0
V
General
VER Load Current
VER = 25 V, VBAT = 16 V, IV(OUT) = –100 mA
T = –40
°C
T = 25
°C
T = 125
°C
5.0
5.0
4.0
mA
mA
mA
Thermal Shutdown
(Guaranteed by Design)
160
210
°C
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
SO–20L
PIN SYMBOL
FUNCTION
1
VER
Energy reserve input.
2
VBAT
Battery input.
3
VFB
Charge PUMP control voltage input.
4
GND1
Ground.
5
GND2
Ground.
6
GND3
Ground.
7
GND4
Ground.
8
VSW
Charge PUMP switch collector.
9
SWSD
Charge PUMP shutdown input.
10
COMP
Charge PUMP compensation pin.
11
CPUMP
Charge PUMP timing cap input.
12
IBIAS
Reference current resistor pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com