Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5160 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CS5160
Description  CPU 5?묪it Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5160 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CS5160 Datasheet HTML 6Page - ON Semiconductor CS5160 Datasheet HTML 7Page - ON Semiconductor CS5160 Datasheet HTML 8Page - ON Semiconductor CS5160 Datasheet HTML 9Page - ON Semiconductor CS5160 Datasheet HTML 10Page - ON Semiconductor CS5160 Datasheet HTML 11Page - ON Semiconductor CS5160 Datasheet HTML 12Page - ON Semiconductor CS5160 Datasheet HTML 13Page - ON Semiconductor CS5160 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CS5160
http://onsemi.com
10
Figure 8. CS5160 Peak−to−Peak Ripple on VOUT = 2.8 V,
IOUT = 13 A (Heavy Load)
M 1.00 μs
Trace 1− Regulator Output Voltage (10 mV/div.)
Trace 2− Inductor Switching Node (5.0 V/div.)
Transient Response
The CS5160 V2 control loop’s 100 ns reaction time
provides unprecedented transient response to changes in
input voltage or output current. Pulse by pulse adjustment of
duty cycle is provided to quickly ramp the inductor current
to the required level. Since the inductor current cannot be
changed instantaneously, regulation is maintained by the
output capacitor(s) during the time required to slew the
inductor current.
For best transient response, a combination of a number of
high frequency and bulk output capacitors are usually used.
If the maximum on time is exceeded while responding to
a sudden increase in load current, a normal off time occurs
to prevent saturation of the output inductor.
Figure 9. CS5160 Pentium® III Converter Output
Voltage Response to a 12 A Load Pulse
100 μs/div.
Trace 2− Regulator Output Voltage (output set for 1.55 V, 20 mV/div.)
Figure 10. CS5160 Pentium® III Converter Output
Voltage Response to a 0 to 12 A Load Increase
10 μs/div.
Trace 2− Regulator Output Voltage (output set for 1.55 V, 20 mV/div.)
Trace 1− Inductor Switching Node (5.0 V/div.)
Figure 11. CS5160 Pentium® III Converter Output
Voltage Response to a 12 to 0 A Load Decrease
10 μs/div.
Trace 2− Regulator Output Voltage (output set for 1.55 V, 20 mV/div.)
Trace 1− Inductor Switching Node (5 V/div.)
PROTECTION AND MONITORING FEATURES
VCC1 Monitor
To maintain predictable startup and shutdown
characteristics an internal VCC1 monitor circuit is used to
prevent the part from operating below 8.95 V minimum
startup. The VCC1 monitor comparator provides hysteresis
and guarantees a 8.80 V minimum shutdown threshold.
Short Circuit Protection
A lossless hiccup mode short circuit protection feature is
provided, requiring only the Soft Start capacitor to
implement. If a short circuit condition occurs
(VFFB < 1.0 V), the VFFB low comparator sets the FAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com